Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1241.2032.9.4.9 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 1241.2032.9.4.9
Description  NO 2pole, IP65, illuminated Data sheet / Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1241.2032.9.4.9 Datasheet(HTML) 4 Page - Schurter Inc.

  1241.2032.9.4.9 Datasheet HTML 1Page - Schurter Inc. 1241.2032.9.4.9 Datasheet HTML 2Page - Schurter Inc. 1241.2032.9.4.9 Datasheet HTML 3Page - Schurter Inc. 1241.2032.9.4.9 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Changes that contribute to technical improvement are subject to alternations
1996
Datum
Name
HDT
Bearb. 10.09.
Weisen
Gepr.
04.12.07
Weisen.
NO 2pole, IP65, illuminated
Vert.
e
9427
09.11.07
Weisen.
EDV-Datenblatt
Data sheet / Specifications
d
8828
04.05.04
Wesien.
c
8513
27.08.02
Weisen.
nicht manuell ändern
b
8349
14.11.01
Weisen.
a
8016
03.02.00
Weisen.
H
105.9296.201
-
7301
10.09.96
Weisen.
Zu Änd.
Datum
Name
Seite 4 von 4
Index: e
Verteiler nach
H 150.9304 Pos.C05
HDT with small button transparent - illuminated
1241.1732.9.X.0
Colour of LED
1 = red
2 = green
3 = yellow
4 = blue
HDT with large button transparent - illuminated
1241.2032.9.X.X
Colour of large button
3 = red
Colour of LED
5 = green
1 = red
6 = grey
2 = green
7 = black
3 = yellow
9 = transparent
4 = blue
Dimensions
Drilling diagram
Circuit diagram
* Indication area illuminated version
Solder-pad
Small button:
Large button:
Cut out Ø 8mm
Cut out Ø 10mm
NO


Similar Part No. - 1241.2032.9.4.9

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1241.2350 SCHURTER-1241.2350 Datasheet
668Kb / 5P
   Piezo Switch N.O.
05.01.2022
1241.2352 SCHURTER-1241.2352 Datasheet
668Kb / 5P
   Piezo Switch N.O.
05.01.2022
1241.2411.3 SCHURTER-1241.2411.3 Datasheet
668Kb / 5P
   Piezo Switch N.O.
05.01.2022
1241.2411.8 SCHURTER-1241.2411.8 Datasheet
668Kb / 5P
   Piezo Switch N.O.
05.01.2022
1241.2434.8 SCHURTER-1241.2434.8 Datasheet
706Kb / 5P
   Piezo Switch Prolonged Signal
05.01.2022
More results

Similar Description - 1241.2032.9.4.9

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CCPPRI30 CAMDENBOSS-CCPPRI30 Datasheet
207Kb / 1P
   IP65 illuminated pushbuttons
logo
GREATECS
PB72 GREATECS-PB72 Datasheet
391Kb / 5P
   Illuminated Pushbutton Switches IP40/IP65/IP67
logo
American Microsemicondu...
AMS-IRDK250-08 AMMSEMI-AMS-IRDK250-08 Datasheet
537Kb / 2P
   Specifications Sheet
logo
America Semiconductor, ...
1N6101 AMERICASEMI-1N6101 Datasheet
549Kb / 1P
   Specifications Sheet
logo
American Microsemicondu...
1N4725 AMMSEMI-1N4725 Datasheet
430Kb / 1P
   Specifications Sheet
AMSIRDK250-08 AMMSEMI-AMSIRDK250-08 Datasheet
547Kb / 2P
   Specifications Sheet
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com