Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECLAMP2378K Datasheet(PDF) 1 Page - Semtech Corporation

Part # ECLAMP2378K
Description  ESD/EMI Protection for Color LCD Interfaces
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ECLAMP2378K Datasheet(HTML) 1 Page - Semtech Corporation

  ECLAMP2378K Datasheet HTML 1Page - Semtech Corporation ECLAMP2378K Datasheet HTML 2Page - Semtech Corporation ECLAMP2378K Datasheet HTML 3Page - Semtech Corporation ECLAMP2378K Datasheet HTML 4Page - Semtech Corporation ECLAMP2378K Datasheet HTML 5Page - Semtech Corporation ECLAMP2378K Datasheet HTML 6Page - Semtech Corporation ECLAMP2378K Datasheet HTML 7Page - Semtech Corporation ECLAMP2378K Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS - EMIClampTM
EClamp2378K
ESD/EMI Protection
for Color LCD Interfaces
Description
Features
Package Configuration
16 Pin SLP package (Bottom Side View)
Nominal Dimensions in mm
The EClampTM2378K is a low pass filter array with
integrated TVS diodes. It is designed to suppress
unwanted EMI/RFI signals and provide electrostatic
discharge (ESD) protection in portable electronic
equipment. This state-of-the-art device utilizes solid-
state silicon-avalanche technology for superior clamp-
ing performance and DC electrical characteristics.
They have been optimized for protection of color
protection of color
protection of color
protection of color
protection of color
LCD panels
LCD panels
LCD panels
LCD panels
LCD panels in cellular phones and other portable
electronics.
The device consists of eight identical circuits comprised
of TVS diodes for ESD protection, and a resistor -
capacitor network for EMI/RFI filtering. A series
resistor value of 100
Ω and a capacitance value of
10pF are used to achieve 30dB minimum attenuation
from 1.8GHz to 2.5GHz. The TVS diodes provide
effective suppression of ESD voltages in excess of
±15kV (air discharge) and ±8kV (contact discharge) per
IEC 61000-4-2, level 4.
The EClamp2378K is in a 16-pin, RoHS/WEEE compli-
ant, SLP3313P16 package. It measures 3.3 x 1.3 x
0.50mm. The leads are spaced at a pitch of 0.4mm
and are finished with lead-free NiPdAu. The small
package makes it ideal for use in portable electronics
such as cell phones, digital still cameras, and PDAs.
Mechanical Characteristics
Circuit Diagram (Each Line)
Applications
Color LCD Protection
Cell Phone CCD Camera Lines
Clamshell Cell Phones
SLP3313P16 16-pin package
RoHS/WEEE Compliant
Nominal Dimensions: 3.3 x 1.3 x 0.50 mm
Lead Pitch: 0.4mm
Lead finish: NiPdAu
Marking : Marking Code
Packaging : Tape and Reel per EIA 481
Bidirectional EMI/RFI filter with integrated TVS
for ESD protection
ESD protection to IEC 61000-4-2 (ESD) Level 4,
±15kV (air), ±8kV (contact)
Filter performance: 30dB minimum attenuation
1.8GHz to 2.5GHz
TVS working voltage: 5V
Resistor: 100
Ω +/− 15%
Typical Capacitance: 20pF (VR = 0V)
Protection and filtering for eight lines
Solid-state technology
Device Schematic (8X)
Revision 7/18/2007
GND
IN
OUT
10pF
10pF
100
Ω
3.30
1.30
0.50
0.40 BSC
1
2


Similar Part No. - ECLAMP2378K

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2378P SEMTECH-ECLAMP2378P Datasheet
222Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2378P.TCT SEMTECH-ECLAMP2378P.TCT Datasheet
222Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
More results

Similar Description - ECLAMP2378K

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2454P SEMTECH-ECLAMP2454P Datasheet
215Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
logo
Shanghai Leiditech Elec...
EM2376K LEIDITECH-EM2376K Datasheet
412Kb / 3P
   ESD/EMI PROTECTION FOR COLOR LCD INTERFACES
logo
Semtech Corporation
ECLAMP2376K SEMTECH-ECLAMP2376K Datasheet
170Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2396P SEMTECH-ECLAMP2396P Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2504K SEMTECH-ECLAMP2504K Datasheet
150Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2506K SEMTECH-ECLAMP2506K Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2508K SEMTECH-ECLAMP2508K Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2374P SEMTECH-ECLAMP2374P Datasheet
219Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2386K SEMTECH-ECLAMP2386K Datasheet
165Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2394P SEMTECH-ECLAMP2394P Datasheet
215Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2458P SEMTECH-ECLAMP2458P Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com