Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECLAMP2384K.TCT Datasheet(PDF) 4 Page - Semtech Corporation

Part # ECLAMP2384K.TCT
Description  ESD/EMI Protection for Color LCD Interfaces
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ECLAMP2384K.TCT Datasheet(HTML) 4 Page - Semtech Corporation

  ECLAMP2384K.TCT Datasheet HTML 1Page - Semtech Corporation ECLAMP2384K.TCT Datasheet HTML 2Page - Semtech Corporation ECLAMP2384K.TCT Datasheet HTML 3Page - Semtech Corporation ECLAMP2384K.TCT Datasheet HTML 4Page - Semtech Corporation ECLAMP2384K.TCT Datasheet HTML 5Page - Semtech Corporation ECLAMP2384K.TCT Datasheet HTML 6Page - Semtech Corporation ECLAMP2384K.TCT Datasheet HTML 7Page - Semtech Corporation ECLAMP2384K.TCT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
© 2007 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
EClamp2384K
In 1
In 2
In 3
In 4
Out 1
Out 2
Out 3
Out 4
1
45
8
Gnd
Device Connection
The EClamp2384K is comprised of four identical
circuits each consisting of a low pass filter for EMI/RFI
suppression and dual TVS diodes for ESD protection.
The device is in a 8-pin SLP package. Electrical con-
nection is made to the 8 pins located at the bottom of
the device. A center tab serves as the ground connec-
tion. The device has a flow through design for easy
layout. Pin connections are noted in Figure 1. All path
lengths should be kept as short as possible to minimize
the effects of parasitic inductance in the board traces.
Recommendations for the ground connection are given
below.
Ground Connection Recommendation
Parasitic inductance present in the board layout will
affect the filtering performance of the device. As
frequency increases, the effect of the inductance
becomes more dominant. This effect is given by
Equation 1.
Equation 1: The Impedance of an Inductor at
Frequency XLF
L
*
f
*
*
2
)
f
,
L
(
XLF
π
=
Where:
L= Inductance (H)
f = Frequency (Hz)
Via connections to the ground plane form rectangular
wire loops or ground loop inductance as shown in
Figure 2. Ground loop inductance can be reduced by
using multiple vias to make the connection to the
ground plane. Bringing the ground plane closer to the
signal layer (preferably the next layer) also reduces
ground loop inductance. Multiple vias in the device
ground pad will result in a lower inductive ground loop
over two exterior vias. Vias with a diameter d are
separated by a distance y run between layers sepa-
rated by a distance x. The inductance of the loop path
is given by Equation 2. Thus, decreasing distance x
and y will reduce the loop inductance and result in
better high frequency filter characteristics.
Figure 1 - Pin Identification and Configuration
(Top Side View)
Figure 2 - Inductance of Rectangular Wire Loops
Equation 2: Inductance of Rectangular Wire Loop
n
i
Pn
o
i
t
a
c
i
f
i
t
n
e
d
I
4
-
1s
e
n
i
L
t
u
p
n
I
8
-
5s
e
n
i
L
t
u
p
t
u
O
b
a
T
r
e
t
n
e
Cd
n
u
o
r
G
[ ]
[]
[
]
d
x
*
2
d
y
*
2
9
ln
*
y
ln
*
x
*
10
*
16
.
10
)
y
,
x
,
d
(
LRECT
+
=
Where:
d = Diameter of the wire (in)
x = Length of wire loop (in)
y = Breath of wire loop (in)
Ground
Via 1
Signal Layer
Ground Layer
Layer
y
x
d
Ground
Via 2
Ground
Via 1
Signal Layer
Ground Layer
Layer
y
x
d
Ground
Via 2


Similar Part No. - ECLAMP2384K.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2384P SEMTECH-ECLAMP2384P Datasheet
214Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2384P.TCT SEMTECH-ECLAMP2384P.TCT Datasheet
214Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
More results

Similar Description - ECLAMP2384K.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2454P SEMTECH-ECLAMP2454P Datasheet
215Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
logo
Shanghai Leiditech Elec...
EM2376K LEIDITECH-EM2376K Datasheet
412Kb / 3P
   ESD/EMI PROTECTION FOR COLOR LCD INTERFACES
logo
Semtech Corporation
ECLAMP2376K SEMTECH-ECLAMP2376K Datasheet
170Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2396P SEMTECH-ECLAMP2396P Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2504K SEMTECH-ECLAMP2504K Datasheet
150Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2506K SEMTECH-ECLAMP2506K Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2508K SEMTECH-ECLAMP2508K Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2374P SEMTECH-ECLAMP2374P Datasheet
219Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2386K SEMTECH-ECLAMP2386K Datasheet
165Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2394P SEMTECH-ECLAMP2394P Datasheet
215Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2458P SEMTECH-ECLAMP2458P Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com