Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECLAMP2398P.TCT Datasheet(PDF) 8 Page - Semtech Corporation

Part # ECLAMP2398P.TCT
Description  ESD/EMI Protection for Color LCD Interfaces
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ECLAMP2398P.TCT Datasheet(HTML) 8 Page - Semtech Corporation

  ECLAMP2398P.TCT Datasheet HTML 1Page - Semtech Corporation ECLAMP2398P.TCT Datasheet HTML 2Page - Semtech Corporation ECLAMP2398P.TCT Datasheet HTML 3Page - Semtech Corporation ECLAMP2398P.TCT Datasheet HTML 4Page - Semtech Corporation ECLAMP2398P.TCT Datasheet HTML 5Page - Semtech Corporation ECLAMP2398P.TCT Datasheet HTML 6Page - Semtech Corporation ECLAMP2398P.TCT Datasheet HTML 7Page - Semtech Corporation ECLAMP2398P.TCT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
 2006 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
EClamp2398P
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Rd., Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Marking
Ordering Information
Tape and Reel Specification
r
e
b
m
u
N
t
r
a
P
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
T
C
T
.
P
8
9
3
2
p
m
a
l
C
E0
0
0
3h
c
n
I
7
EMIClamp and EClamp are marks of Semtech Corporation
Device Orientation in Tape
e
p
a
T
h
t
d
i
W
)
x
a
M
(
,
BD
1
DE
F
K
)
X
A
M
(
P0
P2
P)
X
A
M
(
TW
m
m
2
1
m
m
2
.
8
)
6
7
4
.(
m
m
1
.
0
+
5
.
1
m
m
0
.
0
-
5
0
0
.
+
9
5
.
0
(
)
0
0
0
.
-
m
m
0
.
1
5
0
.
0
±
)
9
3
0
.(
0
1
.
±
0
5
7
.
1
m
m
)
4
0
0
.
±
9
6
0
.(
5
0
.
0
±
5
.
5
m
m
)
2
0
0
.
±
7
1
2
.(
m
m
5
.
4
)
7
7
1
.(
1
.
0
±
0
.
4
m
m
-
0
0
.
±
7
5
1
.(
)
4
1
.
0
±
0
.
4
m
m
-
0
0
.
±
7
5
1
.(
)
4
-
m
5
0
.
0
±
0
.
2
m
)
2
0
0
.
±
9
7
0
.(
m
m
4
.
0
)
6
1
0
.(
m
m
0
.
2
1
m
m
3
.
0
+
m
m
1
.
0
-
)
2
1
0
.
±
2
7
4
.(
0
A0
B0
K
m
m
0
1
.
0
-
/
+
8
7
.
1m
m
0
1
.
0
-
/
+
0
3
.
4m
m
0
1
.
0
-
/
+
4
7
.
0
Pin 1 Location
User Direction of feed
PIN 1
INDICATOR
(LASER MARK)
2398P


Similar Part No. - ECLAMP2398P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2394P SEMTECH-ECLAMP2394P Datasheet
215Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2394P.TCT SEMTECH-ECLAMP2394P.TCT Datasheet
215Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2396P SEMTECH-ECLAMP2396P Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2396P.TCT SEMTECH-ECLAMP2396P.TCT Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
More results

Similar Description - ECLAMP2398P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2454P SEMTECH-ECLAMP2454P Datasheet
215Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
logo
Shanghai Leiditech Elec...
EM2376K LEIDITECH-EM2376K Datasheet
412Kb / 3P
   ESD/EMI PROTECTION FOR COLOR LCD INTERFACES
logo
Semtech Corporation
ECLAMP2376K SEMTECH-ECLAMP2376K Datasheet
170Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2396P SEMTECH-ECLAMP2396P Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2504K SEMTECH-ECLAMP2504K Datasheet
150Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2506K SEMTECH-ECLAMP2506K Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2508K SEMTECH-ECLAMP2508K Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2374P SEMTECH-ECLAMP2374P Datasheet
219Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2386K SEMTECH-ECLAMP2386K Datasheet
165Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2394P SEMTECH-ECLAMP2394P Datasheet
215Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2458P SEMTECH-ECLAMP2458P Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com