Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSF1.5402.01 Datasheet(PDF) 1 Page - Schurter Inc.

Part # GSF1.5402.01
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GSF1.5402.01 Datasheet(HTML) 1 Page - Schurter Inc.

  GSF1.5402.01 Datasheet HTML 1Page - Schurter Inc. GSF1.5402.01 Datasheet HTML 2Page - Schurter Inc. GSF1.5402.01 Datasheet HTML 3Page - Schurter Inc. GSF1.5402.01 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Power entry modules without line filter
GSF
www.schurter.com/pg05
Connectors
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
Screw-On Version
Pick & Place Version
C14
70° C
Description
-PanelMount:
Sandwich/rear-side
-2Functions:
ApplianceInletProtectionclassI,withorwithoutFuseholderforfuse-
links5x20mmontherear-side1-or2-pole
-ForPCBmounting
-Pickandplaceversion
Approvals
-VDELicenseNumber:40024857
-ULLicenseNumber:E93617,E96454
-CSALicenseNumber:38456
Characteristics
-PCBmountwithsnap-inorscrew-onfeet
SuitableforautomaticPCBassembling
-Allsingleelementsarealreadywired
-Fuseholderontheinsideoftheequipmentpreventsaccidentaluseof
incorrectfuse-linksbytheuser
-Withorwithoutrear-sideinsulationcover
BlistertraymeetsESDrequirements
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Groundterminalwithquick-connectterminal6,3x0,8mm
-Groundterminalwithsolderterminal
-ForprotectionclassII
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
10A/250VAC;60Hz
DielectricStrength
>3kVACbetweenL-N
>4kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
ForPCBmounting
PanelThicknesss
Snap-in:1.5/2/2.5/3mm
Material:Housing
Thermoplastic,black,UL94V-0
ApplianceInlet
C14acc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
Fuseholder
optional,1or2pole,Shocksafecate-
goryPC2acc.toIEC60127-6,
forfuse-links5x20mm
RatedPowerAcceptance@
Ta23°C
5x20:3.15W(1pole)/2.5W(2-pole)
perpole
PowerAcceptance@Ta>
23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
Dimensions
29.9
34
11.5
15.9
19.3
6
A S
1.5
A = 6 mm for standard versions
A = 5 mm for pick and place versions
S = 0 mm for mounting from rear-side
with insulation cover
26.8
30.3
max. R4.5
±0.1
for mounting from rear-side


Similar Part No. - GSF1.5402.01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GSF1.5402.01 SCHURTER-GSF1.5402.01 Datasheet
436Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
More results

Similar Description - GSF1.5402.01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GSF2 SCHURTER-GSF2 Datasheet
426Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA Datasheet
576Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF1 SCHURTER-GSF1_18 Datasheet
438Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA_V01 Datasheet
757Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
1092 SCHURTER-1092 Datasheet
697Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062_1809 SCHURTER-1062_1809 Datasheet
385Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062 SCHURTER-1062_21 Datasheet
421Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF2 SCHURTER-GSF2_17 Datasheet
395Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062 SCHURTER-1062_V01 Datasheet
421Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
GSF1 SCHURTER-GSF1_V01 Datasheet
436Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
KEA SCHURTER-KEA_17 Datasheet
719Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com