Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECLAMP2506K.TCT Datasheet(PDF) 1 Page - Semtech Corporation

Part # ECLAMP2506K.TCT
Description  ESD/EMI Protection for Color LCD Interfaces
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ECLAMP2506K.TCT Datasheet(HTML) 1 Page - Semtech Corporation

  ECLAMP2506K.TCT Datasheet HTML 1Page - Semtech Corporation ECLAMP2506K.TCT Datasheet HTML 2Page - Semtech Corporation ECLAMP2506K.TCT Datasheet HTML 3Page - Semtech Corporation ECLAMP2506K.TCT Datasheet HTML 4Page - Semtech Corporation ECLAMP2506K.TCT Datasheet HTML 5Page - Semtech Corporation ECLAMP2506K.TCT Datasheet HTML 6Page - Semtech Corporation ECLAMP2506K.TCT Datasheet HTML 7Page - Semtech Corporation ECLAMP2506K.TCT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS - EMIClamp®
EClamp2506K
ESD/EMI Protection
for Color LCD Interfaces
Description
Features
Package Configuration
12 Pin SLP package (Bottom Side View)
Nominal Dimensions in mm
The EClamp® 2506K device is a low pass filter array
with integrated TVS diodes. It is designed to suppress
unwanted EMI/RFI signals and provide electrostatic
discharge (ESD) protection in portable electronic
equipment. This state-of-the-art device utilizes solid-
state silicon-avalanche technology for superior clamp-
ing performance and DC electrical characteristics.
They have been optimized for protection of color
protection of color
protection of color
protection of color
protection of color
LCD panels
LCD panels
LCD panels
LCD panels
LCD panels in cellular phones and other portable
electronics.
The device consists of six identical circuits comprised
of TVS diodes for ESD protection, and a 3-pole induc-
tor - capacitor network for EMI/RFI filtering. A typical
inductor value of 17nH and a capacitor value of 12pF
are used to achieve 20dB minimum attenuation from
800MHz to 2.7GHz. The TVS diodes provide effective
suppression of ESD voltages in excess of ±15kV (air
discharge) and ±8kV (contact discharge) per IEC
61000-4-2, level 4.
The EClamp2506K is in a 12-pin, SLP2513P12 pack-
age. It measures 2.5 x 1.3 x 0.50mm. The leads are
spaced at a pitch of 0.4mm and are finished with lead-
free NiPdAu. The small package makes it ideal for use
in portable electronics such as cell phones, digital still
cameras, and PDAs.
Mechanical Characteristics
Circuit Diagram (Each Line)
Applications
Color LCD Protection
Cell Phone CCD Camera Lines
Clamshell Cell Phones
SLP2513P12 12-pin package
Pb-Free, Halogen Free, RoHS/WEEE Compliant
Nominal Dimensions: 2.5 x 1.3 x 0.50mm
Lead Pitch: 0.4mm
Lead finish: NiPdAu
Marking : Marking Code and Date Code
Packaging : Tape and Reel
Bidirectional EMI/RFI filter with integrated TVS
for ESD protection
ESD protection to IEC 61000-4-2 (ESD) Level 4,
±15kV (air), ±8kV (contact)
Filter performance: 20dB minimum attenuation
800MHz to 2.7GHz
TVS working voltage: 5V
Inductor: 17nH (Typical)
Capacitors: 12pF (Typical at VR = 2.5V)
Protection and filtering for six lines
Solid-state technology
Device Schematic (6X)
Revision 4/14/2010
GND
IN
OUT
12pF
12pF
17nH
2.50
1.30
0.50
0.40 BSC
1
2


Similar Part No. - ECLAMP2506K.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2504K SEMTECH-ECLAMP2504K Datasheet
150Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2504K.TCT SEMTECH-ECLAMP2504K.TCT Datasheet
150Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2508K SEMTECH-ECLAMP2508K Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2508K.TCT SEMTECH-ECLAMP2508K.TCT Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
More results

Similar Description - ECLAMP2506K.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2454P SEMTECH-ECLAMP2454P Datasheet
215Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
logo
Shanghai Leiditech Elec...
EM2376K LEIDITECH-EM2376K Datasheet
412Kb / 3P
   ESD/EMI PROTECTION FOR COLOR LCD INTERFACES
logo
Semtech Corporation
ECLAMP2376K SEMTECH-ECLAMP2376K Datasheet
170Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2396P SEMTECH-ECLAMP2396P Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2504K SEMTECH-ECLAMP2504K Datasheet
150Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2508K SEMTECH-ECLAMP2508K Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2374P SEMTECH-ECLAMP2374P Datasheet
219Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2386K SEMTECH-ECLAMP2386K Datasheet
165Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2394P SEMTECH-ECLAMP2394P Datasheet
215Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2458P SEMTECH-ECLAMP2458P Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com