Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSBHA0E30G3-OSR5RTS4C1A-X Datasheet(PDF) 1 Page - OptoSupply International

Part # OSBHA0E30G3-OSR5RTS4C1A-X
Description  LED Ribbon Light
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSBHA0E30G3-OSR5RTS4C1A-X Datasheet(HTML) 1 Page - OptoSupply International

  OSBHA0E30G3-OSR5RTS4C1A-X Datasheet HTML 1Page - OptoSupply International OSBHA0E30G3-OSR5RTS4C1A-X Datasheet HTML 2Page - OptoSupply International OSBHA0E30G3-OSR5RTS4C1A-X Datasheet HTML 3Page - OptoSupply International OSBHA0E30G3-OSR5RTS4C1A-X Datasheet HTML 4Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PRODUCT SPECIFICATION FOR LED Ribbon Light
Descriptions:
1
Linear separable LED strip on flexible printed circuit board with self-
adhesive back
Long life, easy installation
Voltages available 12VDC
LED type SMD 5050
Features:
1
• Available in red, orange, yellow, green, blue, white, etc
• Directly use on line voltage
• Low power consumption, high intensity
• Energy saving
• Excellent beam control
• Long life
Application:
1
• Auto lighting
• Channel letter signs
• Indirect accent décor light
• Large area back lighting
• Under counter light
• Decorate building’s contour
• Substitute neon light
Product Picture:
1
Model No.
OSBHA0E30G3-
XXXXS4C1A-X
REV.
B2


Similar Part No. - OSBHA0E30G3-OSR5RTS4C1A-X

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSBH25E15G3-OSB5STS4C1A-X OPTOSUPPLY-OSBH25E15G3-OSB5STS4C1A-X Datasheet
929Kb / 4P
   LED Ribbon Light
OSBH25E15G3-OSG5DTS4C1A-X OPTOSUPPLY-OSBH25E15G3-OSG5DTS4C1A-X Datasheet
929Kb / 4P
   LED Ribbon Light
OSBH25E15G3-OSK5DTS4C1A-X OPTOSUPPLY-OSBH25E15G3-OSK5DTS4C1A-X Datasheet
929Kb / 4P
   LED Ribbon Light
OSBH25E15G3-OSM5DTS4C1A-X OPTOSUPPLY-OSBH25E15G3-OSM5DTS4C1A-X Datasheet
929Kb / 4P
   LED Ribbon Light
OSBH25E15G3-OSO5STS4C1A-X OPTOSUPPLY-OSBH25E15G3-OSO5STS4C1A-X Datasheet
929Kb / 4P
   LED Ribbon Light
More results

Similar Description - OSBHA0E30G3-OSR5RTS4C1A-X

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMTR5 OPTOSUPPLY-OSMTR5 Datasheet
286Kb / 4P
   LED Ribbon Light
OSBH50830G3-OSR5RUS1C1A-X OPTOSUPPLY-OSBH50830G3-OSR5RUS1C1A-X Datasheet
922Kb / 4P
   LED Ribbon Light
OSMF48816GP-R5MAS1C1A-D OPTOSUPPLY-OSMF48816GP-R5MAS1C1A-D Datasheet
126Kb / 4P
   LED Ribbon Light
OSBH25E15G3-OSR5RTS4C1A-X OPTOSUPPLY-OSBH25E15G3-OSR5RTS4C1A-X Datasheet
929Kb / 4P
   LED Ribbon Light
OSMF48824GP-R5MAS1C1A-D OPTOSUPPLY-OSMF48824GP-R5MAS1C1A-D Datasheet
123Kb / 4P
   LED Ribbon Light
OSBF50E15G3-OSR5RTS4C1A-X OPTOSUPPLY-OSBF50E15G3-OSR5RTS4C1A-X Datasheet
936Kb / 4P
   LED Ribbon Light
OSMFR5 OPTOSUPPLY-OSMFR5 Datasheet
414Kb / 4P
   LED Ribbon Light
OSM50830GP-R5CAS3C1A-D OPTOSUPPLY-OSM50830GP-R5CAS3C1A-D Datasheet
127Kb / 4P
   LED Ribbon Light
OSBH50E30G3-OSR5RTS4C1A OPTOSUPPLY-OSBH50E30G3-OSR5RTS4C1A Datasheet
931Kb / 4P
   LED Ribbon Light
OSMF25G18GP-R5MAS1C1A-D OPTOSUPPLY-OSMF25G18GP-R5MAS1C1A-D Datasheet
123Kb / 4P
   LED Ribbon Light
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com