Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9022 Datasheet(PDF) 4 Page - EPCOS

Part # B9022
Description  SAW Rx Filter GSM 850
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9022 Datasheet(HTML) 4 Page - EPCOS

  B9022_1 Datasheet HTML 1Page - EPCOS B9022_1 Datasheet HTML 2Page - EPCOS B9022_1 Datasheet HTML 3Page - EPCOS B9022_1 Datasheet HTML 4Page - EPCOS B9022_1 Datasheet HTML 5Page - EPCOS B9022_1 Datasheet HTML 6Page - EPCOS B9022_1 Datasheet HTML 7Page - EPCOS B9022_1 Datasheet HTML 8Page - EPCOS B9022_1 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Apr 30, 2009
B9022
881.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx Filter
Data sheet
Characteristics
Temperature range for specification:
T
=
–30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
max.
Center frequency
fC
881.5
MHz
Maximum insertion attenuation
α
max
869.0 ...
894.0
MHz
2.0
2.3
dB
Amplitude ripple (p-p)
∆α
869.0 ...
894.0
MHz
0.7
1.0
dB
Input VSWR
869.0 ...
894.0
MHz
1.7
2.0
Output VSWR
869.0 ...
894.0
MHz
1.7
2.0
Attenuation
α
0.0 ...
780.0
MHz
50
54
dB
780.0 ...
840.0
MHz
42
50
dB
840.0 ...
849.0
MHz
35
39
dB
914.0 ...
950.0
MHz
25
28
dB
950.0 ... 1500.0
MHz
45
52
dB
1500.0 ... 2200.0
MHz
40
45
dB
2200.0 ... 3000.0
MHz
33
38
dB
3000.0 ... 4000.0
MHz
28
32
dB
4000.0 ... 6000.0
MHz
15
21
dB


Similar Part No. - B9022_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9022 EPCOS-B9022 Datasheet
60Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results

Similar Description - B9022_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5056 EPCOS-B5056 Datasheet
84Kb / 8P
   SAW Rx filter R-GSM
logo
TEMEX
TMXW329 TEMEX-TMXW329 Datasheet
319Kb / 3P
   SAW Bandpass Filter - GSM Rx - RF
TMXW328 TEMEX-TMXW328 Datasheet
309Kb / 3P
   SAW Bandpass Filter - GSM Rx - RF
logo
EPCOS
B9461 EPCOS-B9461 Datasheet
110Kb / 9P
   SAW RX filter WCDMA band VIII / GSM 900
logo
TDK Electronics
B39202B5064U410 TDK-B39202B5064U410 Datasheet
252Kb / 12P
   SAW Rx filter
B39202B5072U410 TDK-B39202B5072U410 Datasheet
108Kb / 8P
   SAW Rx filter
B39881B4303F210 TDK-B39881B4303F210 Datasheet
134Kb / 10P
   SAW Rx filter
B39941B9853P810 TDK-B39941B9853P810 Datasheet
111Kb / 8P
   SAW Rx Filter
B39881B9851P810 TDK-B39881B9851P810 Datasheet
128Kb / 8P
   Saw Rx Filter
B39172B3832U410 TDK-B39172B3832U410 Datasheet
94Kb / 8P
   SAW Rx filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com