Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9415 Datasheet(PDF) 3 Page - EPCOS

Part # B9415
Description  SAW filter GPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9415 Datasheet(HTML) 3 Page - EPCOS

  B9415_1 Datasheet HTML 1Page - EPCOS B9415_1 Datasheet HTML 2Page - EPCOS B9415_1 Datasheet HTML 3Page - EPCOS B9415_1 Datasheet HTML 4Page - EPCOS B9415_1 Datasheet HTML 5Page - EPCOS B9415_1 Datasheet HTML 6Page - EPCOS B9415_1 Datasheet HTML 7Page - EPCOS B9415_1 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
January 23, 2009
B9415
1575.42 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
1575.42
MHz
Maximum insertion attenuation
α
max
1574.42 ... 1576.42 MHz
0.6
1.01)
1) 0.9dB max. at -30 ˚C ... 75 ˚C
dB
dB
Amplitude ripple (p-p)
∆α
1574.42 ... 1576.42 MHz
0.0
0.3
dB
Input VSWR
1574.42 ... 1576.42 MHz
1.2
1.62)
2) 1.5 max. at -30 ˚C ... 75 ˚C
Output VSWR
1574.42 ... 1576.42 MHz
1.2
1.63)
3) 1.5 max. at -30 ˚C ... 75 ˚C
Attenuation
α
500.0
...
894.0
MHz
16
18
dB
894.0
... 1500.0
MHz
15
17
dB
1650.0
... 4000.0
MHz
17
19
dB
4000.0
... 6000.0
MHz
15
20
dB


Similar Part No. - B9415_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9415 EPCOS-B9415 Datasheet
90Kb / 8P
   SAW filter 1575.42 MHz
More results

Similar Description - B9415_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9037 EPCOS-B9037 Datasheet
82Kb / 8P
   SAW GPS filter
logo
TDK Electronics
B39162B9444M410 TDK-B39162B9444M410 Datasheet
112Kb / 8P
   SAW GPS filter
logo
EPCOS
B9080 EPCOS-B9080 Datasheet
92Kb / 9P
   SAW GPS Filter
B9416 EPCOS-B9416_1 Datasheet
88Kb / 8P
   SAW filter GPS
B9417 EPCOS-B9417_1 Datasheet
83Kb / 8P
   SAW filter GPS
B9444 EPCOS-B9444 Datasheet
83Kb / 8P
   SAW GPS filter
B7763 EPCOS-B7763 Datasheet
76Kb / 8P
   SAW GPS Filter
B7742 EPCOS-B7742_1 Datasheet
118Kb / 9P
   SAW GPS Extractor Filter GPS Extractor
logo
Transko Electronics, In...
TA1209AM TRANSKO-TA1209AM Datasheet
425Kb / 4P
   GPS, RF SAW Filter
Revision 0: July 2008
TA1575GJ TRANSKO-TA1575GJ Datasheet
429Kb / 4P
   GPS, RF SAW Filter
Revision 0: June 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com