Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9429 Datasheet(PDF) 9 Page - EPCOS

Part # B9429
Description  SAW filters for mobile communications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9429 Datasheet(HTML) 9 Page - EPCOS

  B9429 Datasheet HTML 1Page - EPCOS B9429 Datasheet HTML 2Page - EPCOS B9429 Datasheet HTML 3Page - EPCOS B9429 Datasheet HTML 4Page - EPCOS B9429 Datasheet HTML 5Page - EPCOS B9429 Datasheet HTML 6Page - EPCOS B9429 Datasheet HTML 7Page - EPCOS B9429 Datasheet HTML 8Page - EPCOS B9429 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
March 09, 2009
Important notes
The following applies to all products named in this publication:
1.
Some parts of this publication contain statements about the suitability of our products for
certain areas of application. These statements are based on our knowledge of typical
requirements that are often placed on our products in the areas of application concerned. We
nevertheless expressly point out that such statements cannot be regarded as binding
statements about the suitability of our products for a particular customer application.
As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar
with them than the customers themselves. For these reasons, it is always ultimately incum-
bent on the customer to check and decide whether an EPCOS product with the properties
described in the product specification is suitable for use in a particular customer application.
2.
We also point out that in individual cases, a malfunction of electronic components or
failure before the end of their usual service life cannot be completely ruled out in the
current state of the art, even if they are operated as specified. In customer applications
requiring a very high level of operational safety and especially in customer applications in
which the malfunction or failure of an electronic component could endanger human life or
health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by
means of suitable design of the customer application or other action taken by the customer
(e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained
by third parties in the event of malfunction or failure of an electronic component.
3.
The warnings, cautions and product-specific notes must be observed.
4.
In order to satisfy certain technical requirements, some of the products described in this
publication may contain substances subject to restrictions in certain jurisdictions (e.g.
because they are classed as hazardous). Useful information on this will be found in our
Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more
detailed questions, please contact our sales offices.
5.
We constantly strive to improve our products. Consequently, the products described in this
publication may change from time to time. The same is true of the corresponding product
specifications. Please check therefore to what extent product descriptions and specifications
contained in this publication are still applicable before or when you place an order.
We also reserve the right to discontinue production and delivery of products. Conse-
quently, we cannot guarantee that all products named in this publication will always be avail-
able. The aforementioned does not apply in the case of individual agreements deviating from
the foregoing for customer-specific products.
6.
Unless otherwise agreed in individual contracts, all orders are subject to the current ver-
sion of the “General Terms of Delivery for Products and Services in the Electrical
Industry” published by the German Electrical and Electronics Industry Association
(ZVEI).
7.
The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, CTVS, DSSP, MiniBlue, MKK,
MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIM-
DAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks reg-
istered or pending in Europe and in other countries. Further information will be found on the


Similar Part No. - B9429

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9422 EPCOS-B9422 Datasheet
78Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 881.5 MHz
B9423 EPCOS-B9423 Datasheet
78Kb / 8P
   Low-Loss Filter for Mobile Communication
B9425 EPCOS-B9425 Datasheet
86Kb / 7P
   SAW Tx filter 836.5 MHz
B9426 EPCOS-B9426 Datasheet
102Kb / 8P
   SAW Tx filter 836.5 MHz
B9428 EPCOS-B9428 Datasheet
81Kb / 9P
   SAW Tx filter WCDMA Band II (PCS-Band)
More results

Similar Description - B9429

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39232B9490P810 TDK-B39232B9490P810 Datasheet
122Kb / 8P
   SAW filters for mobile communications
logo
Murata Manufacturing Co...
SAFEH881MFM0F00 MURATA1-SAFEH881MFM0F00 Datasheet
61Kb / 2P
   SAW Filters for Mobile Communications
May.28,2012
logo
TDK Electronics
B39202B4219U810 TDK-B39202B4219U810 Datasheet
130Kb / 12P
   SAW filters for mobile communications
logo
Murata Manufacturing Co...
SAFJA43M0WC0Z00R03 MURATA1-SAFJA43M0WC0Z00R03 Datasheet
66Kb / 2P
   SAW Filters for Mobile Communications
May.28,2012
logo
EPCOS
B7775 EPCOS-B7775_1 Datasheet
59Kb / 7P
   SAW Filters for Mobile Communications
logo
TDK Electronics
B39192B9468P810 TDK-B39192B9468P810 Datasheet
92Kb / 8P
   SAW filters for mobile communications
B39232B8307P810 TDK-B39232B8307P810 Datasheet
109Kb / 8P
   SAW filters for mobile communications
B39162B9000C710S9 TDK-B39162B9000C710S9 Datasheet
44Kb / 4P
   SAW Filters for Mobile Communications
B39202B9815P810 TDK-B39202B9815P810 Datasheet
159Kb / 12P
   SAW filters for mobile communications
logo
EPCOS
B9410 EPCOS-B9410_1 Datasheet
80Kb / 8P
   SAW filter for mobile communications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com