Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39252B9430M410 Datasheet(PDF) 5 Page - EPCOS

Part # B39252B9430M410
Description  SAW RF filter WLAN
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39252B9430M410 Datasheet(HTML) 5 Page - EPCOS

  B39252B9430M410 Datasheet HTML 1Page - EPCOS B39252B9430M410 Datasheet HTML 2Page - EPCOS B39252B9430M410 Datasheet HTML 3Page - EPCOS B39252B9430M410 Datasheet HTML 4Page - EPCOS B39252B9430M410 Datasheet HTML 5Page - EPCOS B39252B9430M410 Datasheet HTML 6Page - EPCOS B39252B9430M410 Datasheet HTML 7Page - EPCOS B39252B9430M410 Datasheet HTML 8Page - EPCOS B39252B9430M410 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
September 02, 2008
B9430
2450.0 MHz
SAW Components
SAW RF Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =
50
Ω + matching network
Terminating load impedance:
ZL =
50
Ω + matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
2450.0
MHz
Maximum insertion attenuation
α
max
2400.0
... 2500.0
MHz
2.5
2.8 1)
1) including a pcb loss of 0.2dB
dB
Amplitude ripple (p-p)
∆α
2400.0
... 2500.0
MHz
0.8
1.3
dB
Input VSWR
2400.0
... 2500.0
MHz
1.7
2.0
Output VSWR
2400.0
... 2500.0
MHz
1.7
2.0
Attenuation
α
100.0
...
960.0
MHz
33
36
dB
960.0
... 1570.0
MHz
32
34
dB
1570.0
... 1580.0
MHz
32
34
dB
1580.0
... 1710.0
MHz
32
34
dB
1710.0
... 1910.0
MHz
32
34
dB
1910.0
... 1980.0
MHz
32
34
dB
2110.0
... 2170.0
MHz
36
40
dB
2750.0
... 3200.0
MHz
15
19
dB
3200.0
... 4900.0
MHz
15
19
dB
4900.0
... 6000.0
MHz
25
29
dB


Similar Part No. - B39252B9430M410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39252B9429K610 EPCOS-B39252B9429K610 Datasheet
79Kb / 9P
   SAW filters for mobile communications
logo
TDK Electronics
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
   SAW Components SAW filter
More results

Similar Description - B39252B9430M410

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA2450DQ5 TRANSKO-TA2450DQ5 Datasheet
560Kb / 4P
   WLAN, RF SAW Filter
Revision 0: October 2012
TA2450DA2 TRANSKO-TA2450DA2 Datasheet
548Kb / 4P
   WLAN, RF SAW Filter
Revision 0: August 2012
TF-245002-C23 TRANSKO-TF-245002-C23 Datasheet
459Kb / 4P
   WLAN, RF SAW Filter
Revision 0: February 2014
TF-245003-C23 TRANSKO-TF-245003-C23 Datasheet
509Kb / 4P
   WLAN, RF SAW Filter
Revision 1: October 2014
TA2450AQ2 TRANSKO-TA2450AQ2 Datasheet
514Kb / 4P
   WLAN, RF SAW Filter
Revision 0: October 2011
TA2450DQ1 TRANSKO-TA2450DQ1 Datasheet
318Kb / 2P
   WLAN, RF SAW Filter
Revision 0: January 2012
TF-245001-C23 TRANSKO-TF-245001-C23 Datasheet
542Kb / 4P
   WLAN, RF SAW Filter
Revision 0: June 2013
logo
TAI-SAW TECHNOLOGY CO.,...
TB374GD TAI-SAW-TB374GD Datasheet
261Kb / 6P
   SAW Filter 374MHz WLAN
TB280GD TAI-SAW-TB280GD Datasheet
236Kb / 5P
   SAW Filter 280MHz WLAN
logo
Golledge Electronics Lt...
MA04268 GOLLEDGE-MA04268 Datasheet
164Kb / 5P
   374MHz SAW Filter for WLAN
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com