Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSMW12C60GP-OSR5MAZ2C1D-X Datasheet(PDF) 1 Page - OptoSupply International

Part # OSMW12C60GP-OSR5MAZ2C1D-X
Description  LED Light Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSMW12C60GP-OSR5MAZ2C1D-X Datasheet(HTML) 1 Page - OptoSupply International

  OSMW12C60GP-OSR5MAZ2C1D-X Datasheet HTML 1Page - OptoSupply International OSMW12C60GP-OSR5MAZ2C1D-X Datasheet HTML 2Page - OptoSupply International OSMW12C60GP-OSR5MAZ2C1D-X Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PRODUCT SPECIFICATION FOR LED Light Module
Descriptions:
1
• Low power consumption, high intensity
• Long life, easy installation
• Voltages available 12VDC/AC
• LED model number: OSXXXXZ2C1D 1
Features:
1
• Available in red, orange, yellow, green, blue, white, etc
• Directly use on DC/AC
• Low power consumption, high intensity, long life
• Excellent beam control, energy saving
Application:
1
• Channel letter signs
• Indirect accent décor light
• Large area back lighting
• Under counter light
Substitute neon light
Automobile light
Product Picture:
1
Model No.
OSMW12C60GP-
XXXXZ2C1D-X
REV.
C0
LED & Application Technologies


Similar Part No. - OSMW12C60GP-OSR5MAZ2C1D-X

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMW12C60GP-XXXXZ2C1D-X OPTOSUPPLY-OSMW12C60GP-XXXXZ2C1D-X Datasheet
193Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module Long life, easy installation
More results

Similar Description - OSMW12C60GP-OSR5MAZ2C1D-X

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMW05C12GP-OSR5MAZ2C1D-X OPTOSUPPLY-OSMW05C12GP-OSR5MAZ2C1D-X Datasheet
184Kb / 3P
   LED Light Module
OS402618GD-R5PAS1C1A OPTOSUPPLY-OS402618GD-R5PAS1C1A Datasheet
46Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OSF003106GD-R5PAS1C1A OPTOSUPPLY-OSF003106GD-R5PAS1C1A Datasheet
40Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OSMW05C12GP-XXXXZ2C1D-X OPTOSUPPLY-OSMW05C12GP-XXXXZ2C1D-X Datasheet
184Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
logo
List of Unclassifed Man...
98039 ETC2-98039 Datasheet
777Kb / 2P
   LED Light Engine, 9.1??Round Module
98034 ETC2-98034 Datasheet
655Kb / 2P
   LED Light Engine, 2.5??Rectangle Module
logo
OptoSupply Internationa...
OSF003706GD-R5PAS1C1A OPTOSUPPLY-OSF003706GD-R5PAS1C1A Datasheet
39Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OST10WG09GD-R5PAS1C1A OPTOSUPPLY-OST10WG09GD-R5PAS1C1A Datasheet
39Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
logo
List of Unclassifed Man...
98000 ETC2-98000 Datasheet
596Kb / 2P
   LED Light Engine, 11??Linear Module
98025 ETC2-98025 Datasheet
638Kb / 2P
   LED Light Engine, 7??Canopy Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com