Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OST05WG01GD-G5DUT5E1B Datasheet(PDF) 1 Page - OptoSupply International

Part # OST05WG01GD-G5DUT5E1B
Description  T5 Flat AUTO LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OST05WG01GD-G5DUT5E1B Datasheet(HTML) 1 Page - OptoSupply International

  OST05WG01GD-G5DUT5E1B Datasheet HTML 1Page - OptoSupply International OST05WG01GD-G5DUT5E1B Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
T5 Flat AUTO LED
Descriptions:
1
• Green light source, fast response
• Long life, easy installation
• Voltages available 12VDC
• LED model number: XXXXT5E1B
Features:
1
• Available in red, yellow, green, blue, white
• High temperature and environmental protection PA material for lamp holder
• Low power consumption
• Energy saving
• Eye protection, no stroboflash, no radiation
• Long life
Application:
1
• Dashboard Light
• Width-indicator Lamp
• Signal Light
Product Picture and Dimensions:
Model No.
OST05WG01GD-
XXXXT5E1B
REV.
C1
Unit:mm


Similar Part No. - OST05WG01GD-G5DUT5E1B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OST05WG01GD-G5DUT531B OPTOSUPPLY-OST05WG01GD-G5DUT531B Datasheet
1Mb / 2P
   T5 Round AUTO LED
OST05WG01GD-G5DUT5C1B OPTOSUPPLY-OST05WG01GD-G5DUT5C1B Datasheet
1Mb / 2P
   T5 Concave AUTO LED
More results

Similar Description - OST05WG01GD-G5DUT5E1B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OST05WG01GD-XXXXT531B OPTOSUPPLY-OST05WG01GD-XXXXT531B Datasheet
1Mb / 2P
   T5 Round AUTO LED
OST05WG01GD-R5RUT5C1B OPTOSUPPLY-OST05WG01GD-R5RUT5C1B Datasheet
1Mb / 2P
   T5 Concave AUTO LED
OST05WG01GD-R5RUT531B OPTOSUPPLY-OST05WG01GD-R5RUT531B Datasheet
1Mb / 2P
   T5 Round AUTO LED
OST08WG01GD-R5RUT8E1A OPTOSUPPLY-OST08WG01GD-R5RUT8E1A Datasheet
1Mb / 2P
   T08 Flat AUTO LED
OST08WG01GD-XXXXT8E1A OPTOSUPPLY-OST08WG01GD-XXXXT8E1A Datasheet
1Mb / 2P
   T08 Flat AUTO LED
logo
Ningbo Foryard Optoelec...
FYT5-5050UW3-B-35 FORYARD-FYT5-5050UW3-B-35 Datasheet
430Kb / 5P
   T5 LED tube
logo
OptoSupply Internationa...
OST089S01GD-XXXXT8E1A OPTOSUPPLY-OST089S01GD-XXXXT8E1A Datasheet
1Mb / 2P
   T08 Flat AUTO LED Based on BA9S
logo
Shenzhen Huazhimei Semi...
HM7162AL HMSEMI-HM7162AL Datasheet
1Mb / 13P
   T5/T8 series LED fluorescent tube
logo
Dialight Corporation
586-1201-201F DIALIGHT-586-1201-201F Datasheet
124Kb / 2P
   BASED LED T1 3/4 WEDGE (T5)
logo
OptoSupply Internationa...
OST089S01GD-R5RUT8E1A OPTOSUPPLY-OST089S01GD-R5RUT8E1A Datasheet
1Mb / 2P
   T08 Flat AUTO LED Based on BA9S Long life, easy installation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com