Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43013211 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 43013211
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

43013211 Datasheet(HTML) 2 Page - Schurter Inc.

  43013211 Datasheet HTML 1Page - Schurter Inc. 43013211 Datasheet HTML 2Page - Schurter Inc. 43013211 Datasheet HTML 3Page - Schurter Inc. 43013211 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

Power entry modules without line filter
KEA-Print
www.schurter.com/pg05
Connectors
Dimensions
44mm
Screw-on mounting type KEA-PRINT
R2.5
M3/ø3.6
27.5
36±0.1
+0.2
0
0
-0.2
27.2
R2.5
44
36
R4
R6
ø 6.3x90˚
ø 3.2
20.3
5.1
N
3
1-pole
2-pole
5
3
Template grid 1/10" = 2.54 mm
Drill. Ø: 3/5/N = Ø 1.3 + 0,1/0
Gnd = Ø 1.6 + 0,1/0
Snap-in mounting type KEA-PRINT
R2.5
27.5
+0.2
0
0
-0.2
27.2
R2.5
36
R4
20.3
5.1
N
3
1-pole
2-pole
5
3
Template grid 1/10" = 2.54 mm
Drill. Ø: 3/5/N = Ø 1.3 + 0,1/0
Gnd = Ø 1.6 + 0,1/0


Similar Part No. - 43013211

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
430133050816 WURTH-430133050816 Datasheet
681Kb / 7P
   WS-TASV SMT Tact Switch
001.000
More results

Similar Description - 43013211

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KEA-PRINT SCHURTER-KEA-PRINT Datasheet
449Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
KEA-PRINT SCHURTER-KEA-PRINT_V01 Datasheet
469Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
08.12.2021
KEA-PRINT SCHURTER-KEA-PRINT_18 Datasheet
463Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
GSF2 SCHURTER-GSF2 Datasheet
426Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA Datasheet
576Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF1 SCHURTER-GSF1_18 Datasheet
438Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA_V01 Datasheet
757Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
1092 SCHURTER-1092 Datasheet
697Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062_1809 SCHURTER-1062_1809 Datasheet
385Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062 SCHURTER-1062_21 Datasheet
421Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com