Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4302.0103 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4302.0103
Description  IEC Appliance Inlet C14 with Line Switch 1-pole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4302.0103 Datasheet(HTML) 2 Page - Schurter Inc.

  4302.0103 Datasheet HTML 1Page - Schurter Inc. 4302.0103 Datasheet HTML 2Page - Schurter Inc. 4302.0103 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

Power entry modules without line filter
KEB
www.schurter.com/pg05
Connectors
Dimensions
44mm
Screw on PCB mounting
ø 6.3x90˚
±0.1
27.5
36
36
R 2.5
27.2
44
R 6
ø 3.2
4.8x0.8
R 4
+0.2
0
R 2.5
+0.2
0
Snap-in mounting
27.5
30
R 2.5
27.2
4.8x0.8
R 4
+0.2
0
R 2.5
+0.2
0
Diagrams
non-illuminated
illuminated
Variants
withinternalconnections
Panel mounting
Panel Thickness
s [mm]
Illumination
Color
Rated voltage
50 [V]
Rated voltage
5 [V]
Order Number
Screw
-
-
-
-
4302.0001
Screw
-
l
red
-
125
4302.0121
Screw
-
l
red
50
-
4302.0101
Snap-in
1.5
-
-
-
4302.0002
Snap-in
2
-
-
-
4302.0003
Snap-in
2.5
-
-
-
4302.0004
Snap-in
1.5
l
red
-
125
4302.0122
Snap-in
1.5
l
red
50
-
4302.0102
Snap-in
2
l
red
-
125
4302.0123
Snap-in
2
l
red
50
-
4302.0103
Snap-in
2.5
l
red
-
125
4302.0124
Snap-in
2.5
l
red
50
-
4302.0104
Packaging unit
50Pcs


Similar Part No. - 4302.0103

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4302.0001 SCHURTER-4302.0001 Datasheet
376Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1-pole
08.12.2021
4302.0002 SCHURTER-4302.0002 Datasheet
376Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1-pole
08.12.2021
More results

Similar Description - 4302.0103

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1074 SCHURTER-1074 Datasheet
403Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1-pole
KEB1 SCHURTER-KEB1_V02 Datasheet
376Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1-pole
08.12.2021
KEB1 SCHURTER-KEB1_18 Datasheet
392Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1-pole
KEB1 SCHURTER-KEB1_17 Datasheet
415Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1-pole
KEB1 SCHURTER-KEB1_V01 Datasheet
376Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1-pole
1074 SCHURTER-1074_18 Datasheet
277Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1-pole
KFB1 SCHURTER-KFB1_17 Datasheet
402Kb / 4P
   IEC Appliance Inlet C14 with Filter, Line Switch 1-pole
KFB1 SCHURTER-KFB1_18 Datasheet
411Kb / 4P
   IEC Appliance Inlet C14 with Filter, Line Switch 1-pole
KFB1 SCHURTER-KFB1 Datasheet
465Kb / 3P
   IEC Appliance Inlet C14 with Filter, Line Switch 1-pole
KFB1 SCHURTER-KFB1_V01 Datasheet
447Kb / 5P
   IEC Appliance Inlet C14 with Filter, Line Switch 1-pole
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com