Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4302.0124 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4302.0124
Description  IEC Appliance Inlet C14 with Line Switch 1-pole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4302.0124 Datasheet(HTML) 1 Page - Schurter Inc.

  4302.0124 Datasheet HTML 1Page - Schurter Inc. 4302.0124 Datasheet HTML 2Page - Schurter Inc. 4302.0124 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Power entry modules without line filter
KEB
www.schurter.com/pg05
Connectors
IEC Appliance Inlet C14 with Line Switch 1-pole
C14
70° C
Description
-PanelMount:
Screw-onversionfromfrontorrearside,snap-inversionfromfront
side
-2Functions:
ApplianceInletProtectionclassI,LineSwitch1-pole
-Quickconnectterminals4.8x0.8mm
-Alternative:versionwithlinefilterKFB1
-WerecommendfornewapplicationsthenewtypeDC11
Approvals
-VDELicenseNumber:40021941
-ULLicenseNumber:E96454
-CSALicenseNumber:38456
Characteristics
-Allsingleelementsarealreadywired
Unwiredversionsavailableonrequest
-Lineswitchnon-illuminatedorilluminated
Other versions on request
-Unwiredversions
-Lineswitchwithotherrockermarking
-ForprotectionclassII
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
10A/250VAC;60Hz
DielectricStrength
>3kVACbetweenL-N
>4kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals4.8x0.8mm
PanelThicknesss
Screw:max6mm
Mountingscrewtorquemax0.5Nm
Snap-in:1.5/2/2.5mm
Material:Housing
Thermoplastic,black,UL94V-0
ApplianceInlet
C14acc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
LineSwitch
Rockerswitch1-pole,non-illuminated
orilluminatedred,acc.toIEC61058-1
Technicaldetails


Similar Part No. - 4302.0124

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4302.0001 SCHURTER-4302.0001 Datasheet
376Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1-pole
08.12.2021
4302.0002 SCHURTER-4302.0002 Datasheet
376Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1-pole
08.12.2021
More results

Similar Description - 4302.0124

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1074 SCHURTER-1074 Datasheet
403Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1-pole
KEB1 SCHURTER-KEB1_V02 Datasheet
376Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1-pole
08.12.2021
KEB1 SCHURTER-KEB1_18 Datasheet
392Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1-pole
KEB1 SCHURTER-KEB1_17 Datasheet
415Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1-pole
KEB1 SCHURTER-KEB1_V01 Datasheet
376Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1-pole
1074 SCHURTER-1074_18 Datasheet
277Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1-pole
KFB1 SCHURTER-KFB1_17 Datasheet
402Kb / 4P
   IEC Appliance Inlet C14 with Filter, Line Switch 1-pole
KFB1 SCHURTER-KFB1_18 Datasheet
411Kb / 4P
   IEC Appliance Inlet C14 with Filter, Line Switch 1-pole
KFB1 SCHURTER-KFB1 Datasheet
465Kb / 3P
   IEC Appliance Inlet C14 with Filter, Line Switch 1-pole
KFB1 SCHURTER-KFB1_V01 Datasheet
447Kb / 5P
   IEC Appliance Inlet C14 with Filter, Line Switch 1-pole
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com