Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7020.8510 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 7020.8510
Description  Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7020.8510 Datasheet(HTML) 1 Page - Schurter Inc.

  7020.8510 Datasheet HTML 1Page - Schurter Inc. 7020.8510 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Non resettable fuses
MA
www.schurter.com/pg0_2
Fuses
Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
DTCN · 500VAC · 250VDC · Quick-Acting F
Description
-HighBreakingCapacity
Standards
-DTCN:T/5920CC
References
GeneralProductInformation
CorrespondingFuseholder23162
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
500VAC,250VDC
RatedCurrent
0.5-40A
BreakingCapacity
10kA-100kA
Characteristic
Quick-ActingF
AdmissibleAmbientAirTemp. -40°Cto55°C
ClimaticCategory
40/055/21acc.toIEC60068-1
Material:Tube
Ceramic
UnitWeight
25g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
HA32,Type,Voltage
ResistancetoVibration
acc.toNFC20-706/IEC60068-2-6,
testFc
Shocks
acc.toNFC20-706/IEC60068-2-27
Bumps
acc.toNFC20-729/IEC60068-2-29
SaltMist
acc.toNFC20-711/IEC60068-2-11
Dimensions
50mm
 
13
13
3
50+1.5
Pre-Arcing Time
Rated Current In
.25 x In
min.
.55 x In
max.
3.0 x In max.
0.5 A - 40 A
60 min
60 min
3 s


Similar Part No. - 7020.8510

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7020.8510 SCHURTER-7020.8510 Datasheet
241Kb / 2P
   Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
7020.8510 SCHURTER-7020.8510_V01 Datasheet
241Kb / 2P
   Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
More results

Similar Description - 7020.8510

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7020.8510 SCHURTER-7020.8510_V01 Datasheet
241Kb / 2P
   Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
00346000 SCHURTER-00346000 Datasheet
595Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC, 250 VDC
MADM SCHURTER-MADM_18 Datasheet
226Kb / 3P
   Special Fuse, 14.3 x 51 mm, 500 VAC, 250 VDC
MADM SCHURTER-MADM Datasheet
339Kb / 2P
   Special Fuse, 14.3 x 51 mm, 500 VAC, 250 VDC
172593 SCHURTER-172593 Datasheet
282Kb / 2P
   Subminiature Fuse, 3.8 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
172593 SCHURTER-172593_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 4.05 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
00341736 SCHURTER-00341736 Datasheet
265Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, 250 VAC
D20K SCHURTER-D20K_V01 Datasheet
117Kb / 2P
   Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 250 VAC
D20K SCHURTER-D20K Datasheet
333Kb / 2P
   Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 250 VAC
MSF250 SCHURTER-MSF250_18 Datasheet
311Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com