Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP01.1013.01 Datasheet(PDF) 2 Page - Schurter Inc.

Part # KP01.1013.01
Description  IEC Appliance Inlet C14 with Appliance Outlet F
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KP01.1013.01 Datasheet(HTML) 2 Page - Schurter Inc.

  KP01.1013.01 Datasheet HTML 1Page - Schurter Inc. KP01.1013.01 Datasheet HTML 2Page - Schurter Inc. KP01.1013.01 Datasheet HTML 3Page - Schurter Inc. KP01.1013.01 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

Power entry modules without line filter
KP (Outlet)
www.schurter.com/pg05
Connectors
Dimensions
56.1mm
Screw on PCB mounting
52.1
2
2
56.1
ø 5.9
1.1
1.3
20.2
6.2
0.8
1.3
1.1
R 2
27.8
31.2
50.1
53.34
A = for PCB-thickness 1.2/1.6/2.0/2.4 mm
Additional quick connect terminal 4.8 x 0.8 mm
Snap-in mounting
52.1
2
2
56.1
ø 5.9
1.1
1.3
20.2
6.2
0.8
1.3
1.1
R 2
27.8
31.2
50.1
53.34
0
-0.1
Additional quick connect terminal 4.8 x 0.8 mm
s = panel thickness
For 2-pole inlet/switch, 2-pole inlet
fuseholder and inlet/outlet
X±0.1
10.16
7.62
27.94
25.4
13.97
53.34
D1
D2
D2
D1
for combinations:
inlet/switch 1-pole
Inlet/ fuseholder 1-pole
10.16
10.16
25.4
S and X see mounting holes
Mounting holes for backside moun-
ting
52.4±0.1
Sandwich mounting holes
X ±0.1
X = 48.4 at S = 1.5 and 2.5
X = 50.4 at S = 2.0 and 3.0
Sandwich mounting holes
X ±0.1
X = 48.4 at S = 1.5 and 2.5
X = 50.4 at S = 2.0 and 3.0
Dimensions
Stable snap feet requires minimal
insertion force
Module must lay flat on the PCB when
soldering
Screw-on mount
uses self-tapping screws


Similar Part No. - KP01.1013.01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KP01.1112.11 SCHURTER-KP01.1112.11 Datasheet
668Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
KP01.1112.11 SCHURTER-KP01.1112.11 Datasheet
577Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
15.09.2021
KP01.1113.11 SCHURTER-KP01.1113.11 Datasheet
668Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
KP01.1152.11 SCHURTER-KP01.1152.11 Datasheet
668Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
KP01.1152.11 SCHURTER-KP01.1152.11 Datasheet
577Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
15.09.2021
More results

Similar Description - KP01.1013.01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KP01105201 SCHURTER-KP01105201_V01 Datasheet
551Kb / 6P
   IEC Appliance Inlet C14 with Appliance Outlet F
15.09.2021
6048 SCHURTER-6048_18 Datasheet
318Kb / 4P
   IEC Appliance Inlet C14
PMM SCHURTER-PMM Datasheet
412Kb / 3P
   IEC Appliance Inlet C14 with Appliance Outlet F, Line Switch 2-pole and Voltage Selector
PMM SCHURTER-PMM_11 Datasheet
411Kb / 3P
   IEC Appliance Inlet C14 with Appliance Outlet F, Line Switch 2-pole and Voltage Selector
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
   IEC Appliance Inlet C14 with Filter
KFS SCHURTER-KFS_V01 Datasheet
528Kb / 6P
   IEC Appliance Inlet C14 with Filter
04.01.2022
KFS SCHURTER-KFS Datasheet
462Kb / 3P
   IEC Appliance Inlet C14 with Filter
5110 SCHURTER-5110 Datasheet
659Kb / 5P
   IEC Appliance Inlet C14 with Filter
KFS SCHURTER-KFS_17 Datasheet
476Kb / 5P
   IEC Appliance Inlet C14 with Filter
5110 SCHURTER-5110_V01 Datasheet
713Kb / 6P
   IEC Appliance Inlet C14 with Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com