Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7020.9150 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 7020.9150
Description  Special Fuse, 14.3 x 51 mm, 500 VAC, 250 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7020.9150 Datasheet(HTML) 2 Page - Schurter Inc.

  7020.9150 Datasheet HTML 1Page - Schurter Inc. 7020.9150 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
MADM
www.schurter.com/pg0_2
Fuses
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
.0 In typ.
[mV]
Order Number
1
500
250
1)
110
l
7020.9110
1.6
500
250
1)
80
l
7020.9120
2.5
500
250
1)
70
l
7020.9130
5
500
250
1)
75
l
7020.9140
8
500
250
1)
70
l
7020.9150
12.5
500
250
1)
70
l
7020.9160
20
500
250
1)
75
l
7020.9170
1)100kA@500VAC,p.f.
≥0.15/10kA@50VDC,L/R<10ms
Packaging Unit
SmallBoxPack(10pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
12.5 A I
n max. 0.5 s
25.0 A I
n max. 0.04 s
50.0 A I
n max. 0.009 s
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 7020.9150

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7020.3800 SCHURTER-7020.3800 Datasheet
105Kb / 3P
   NON RESETTABLE FUSES
7020.3820 SCHURTER-7020.3820 Datasheet
105Kb / 3P
   NON RESETTABLE FUSES
7020.3840 SCHURTER-7020.3840 Datasheet
105Kb / 3P
   NON RESETTABLE FUSES
7020.3860 SCHURTER-7020.3860 Datasheet
105Kb / 3P
   NON RESETTABLE FUSES
7020.3880 SCHURTER-7020.3880 Datasheet
105Kb / 3P
   NON RESETTABLE FUSES
More results

Similar Description - 7020.9150

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MADM SCHURTER-MADM_18 Datasheet
226Kb / 3P
   Special Fuse, 14.3 x 51 mm, 500 VAC, 250 VDC
7020.8510 SCHURTER-7020.8510_V01 Datasheet
241Kb / 2P
   Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
70208510 SCHURTER-70208510 Datasheet
337Kb / 2P
   Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
23162 SCHURTER-23162 Datasheet
222Kb / 1P
   Fuseholder Open Design, 14.3 x 51 mm, Screw Clamp
00346000 SCHURTER-00346000 Datasheet
595Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC, 250 VDC
172593 SCHURTER-172593 Datasheet
282Kb / 2P
   Subminiature Fuse, 3.8 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
172593 SCHURTER-172593_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 4.05 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
70208010 SCHURTER-70208010 Datasheet
131Kb / 3P
   Special Fuse, 14 x 50 mm
MAT SCHURTER-MAT Datasheet
155Kb / 3P
   Special Fuse, 14 x 50 mm
A10AM SCHURTER-A10AM Datasheet
258Kb / 3P
   Miniature Fuse, 10.3 x 38 mm, aM, 500 VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com