Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZ1584IT-X.X Datasheet(PDF) 1 Page - Semtech Corporation

Part # EZ1584IT-X.X
Description  7.0 Amp Low Dropout Positive Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1584IT-X.X Datasheet(HTML) 1 Page - Semtech Corporation

  EZ1584IT-X.X Datasheet HTML 1Page - Semtech Corporation EZ1584IT-X.X Datasheet HTML 2Page - Semtech Corporation EZ1584IT-X.X Datasheet HTML 3Page - Semtech Corporation EZ1584IT-X.X Datasheet HTML 4Page - Semtech Corporation EZ1584IT-X.X Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.semtech.com
EZ1584C & EZ1584I
7.0 Amp Low Dropout
Positive Voltage Regulators
POWER MANAGEMENT
June 23, 2010
The EZ1584 is a high performance positive voltage
regulator designed for use in applications requiring low
dropout performance at 7A. Additionally, the EZ1584
series provides excellent regulation over variations in line,
load and temperature.
Outstanding features include low dropout performance
at rated current, fast transient response, internal
current limiting and thermal shutdown protection of the
output device.
The EZ1584 is an excellent choice for powering
microprocessor systems. Using an LDO eliminates
MOSFETs and inductors, saving both space and cost. An
LDO also provides better transient response and no
ripple.
A variety of options are available for maximum flexibility:
the EZ1584C is intended for commercial applications and
has both fixed and adjustable voltage options; the
EZ1584I is intended for industrial applications and has
a 3.3V fixed and an adjustable option. All devices are
available in the popular TO-220 package.
Memory supply
Graphics core supply
Other 2.5V to 3.6V microprocessor supplies
Low voltage logic supplies
Battery-powered circuitry
Post regulator for switching supply
Telecom supplies
Industrial supplies
Low dropout performance: 1.3V max. for EZ1584C
and 1.4V max. for EZ1584I
Full current rating over line and temperature
Fast transient response
±2% total output regulation over line, load and
temperature
Adjust pin current max 90µA over temperature
Fixed/adjustable output voltage
Line regulation typically 0.015%
Load regulation typically 0.05%
Industrial temperature range (EZ1584I)
TO-220 package
Description
Features
Applications
Fixed Voltage Regulator
Adjustable Voltage Regulator
Typical Application Circuit
VIN > 4.75V
VOUT = 3.3V
VOUT = 3.3V
VIN > 4.75V
U1
EZ1584
1
2
3
ADJ
OUT
IN
TAB
+
C2
10uF Tant. Min.
R1
124 Ohm, 1%
+
C1
10uF Tant.
U1
EZ1584-3.3
1
2
3
GND
OUT
IN
TAB
R2
205 Ohm, 1%
+
C1
10uF Tant.
+
C2
10uF Tant. Min
Notes:
(1) C1 needed if device is far from filter capacitors
(2) C2 minimum value required for stability
2
R
I
1
R
2
R
1
V
V
ADJ
REF
OUT
+
 +
=


Similar Part No. - EZ1584IT-X.X

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1584IT-X.X SEMTECH-EZ1584IT-X.X Datasheet
89Kb / 5P
   7.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
More results

Similar Description - EZ1584IT-X.X

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1584 SEMTECH-EZ1584 Datasheet
63Kb / 4P
   7.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1584C SEMTECH-EZ1584C Datasheet
89Kb / 5P
   7.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1587 SEMTECH-EZ1587 Datasheet
86Kb / 5P
   3.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
logo
Semtech Corporation
EZ1585 SEMTECH-EZ1585 Datasheet
113Kb / 5P
   4.6 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1585B SEMTECH-EZ1585B Datasheet
69Kb / 4P
   5.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1588 SEMTECH-EZ1588 Datasheet
97Kb / 4P
   2.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
   Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5200-HTU MSK-MSK5200-HTU Datasheet
267Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com