Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSB Datasheet(PDF) 2 Page - Schurter Inc.

Part # MSB
Description  Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSB Datasheet(HTML) 2 Page - Schurter Inc.

  MSB Datasheet HTML 1Page - Schurter Inc. MSB Datasheet HTML 2Page - Schurter Inc. MSB Datasheet HTML 3Page - Schurter Inc. MSB Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Non resettable fuses
MSB
www.schurter.com/pg0_2
Fuses
Pre-Arcing Time
Rated Current In
. x In min.
.25 x In
min.
2.0 x In max.
0.0 x In
min.
0.0 x In
max.
0.75 A - 1.5 A
-
60 min
120 s
5 ms
100 ms
2 A - 8 A
-
60 min
120 s
10 ms
100 ms
10 A - 15 A
60 min
-
120 s
10 ms
100 ms
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation . In
typ. [mW]
Power Dissi-
pation .25 In
typ. [mW]
Melting I²t
0.0 Intyp.
[A²s]
Order Number
0.75
125
125
1)
106
-
145
0.4
l
7010.9960.xx
1
125
125
1)
97
-
179
0.79
l
7010.9961.xx
1.5
125
125
1)
91
-
240
2.1
l
7010.9962.xx
2
125
125
1)
88
-
315
4.1
l
7010.9963.xx
2.5
125
125
1)
84
-
375
6.9
l
7010.9964.xx
3.15
125
125
1)
80
-
450
12
l
7010.9965.xx
3.5
125
125
1)
79
-
490
15
l
7010.9966.xx
4
125
125
1)
76
-
545
21
l
7010.9967.xx
5
125
125
1)
87
-
620
29
l
7010.9968.xx
6.3
125
125
2)
85
-
850
51
l
7010.9969.xx
8
65
65
3)
83
-
1200
83
l
7010.9970.xx
10
65
65
3)
81
1100
-
140
l
7010.9971.xx
12
65
65
3)
80
1150
-
215
l
7010.9972.xx
15
65
65
3)
78
1750
-
360
l
7010.9973.xx
1)50A@125VAC/DC
2)63A@125VAC/DC
3)150A@65VAC/DC
Packaging Unit
.xx=.63PlasticBag(100pcs.)
.xx=.57BlisterTape18cmReel(1500pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
_> 10 A
≤ 1.5 A
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - MSB

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MSB ADAM-TECH-MSB Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
logo
Schurter Inc.
MSB SCHURTER-MSB Datasheet
282Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
MSB SCHURTER-MSB Datasheet
293Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
logo
Volgen Kaga Electronics...
MSB-0505 VOLGEN-MSB-0505 Datasheet
244Kb / 3P
   1 WATT DC//DC CONVERTER, SIIP PACKAGE
MSB-0509 VOLGEN-MSB-0509 Datasheet
244Kb / 3P
   1 WATT DC//DC CONVERTER, SIIP PACKAGE
More results

Similar Description - MSB

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSB SCHURTER-MSB_18 Datasheet
282Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
MSB SCHURTER-MSB_V02 Datasheet
293Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
MKT SCHURTER-MKT Datasheet
290Kb / 2P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
MKT SCHURTER-MKT_18 Datasheet
219Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
MKT SCHURTER-MKT_V02 Datasheet
289Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
OMT125 SCHURTER-OMT125 Datasheet
410Kb / 2P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_16 Datasheet
252Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_18 Datasheet
281Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_V01 Datasheet
292Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_V02 Datasheet
292Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com