Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7010.9973.xx Datasheet(PDF) 3 Page - Schurter Inc.

Part # 7010.9973.xx
Description  Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7010.9973.xx Datasheet(HTML) 3 Page - Schurter Inc.

  7010.9973.xx Datasheet HTML 1Page - Schurter Inc. 7010.9973.xx Datasheet HTML 2Page - Schurter Inc. 7010.9973.xx Datasheet HTML 3Page - Schurter Inc. 7010.9973.xx Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Non resettable fuses
MSB
www.schurter.com/pg0_2
Fuses
Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
IEC 60127-4 · 125VAC · 125VDC · Time-Lag T
Description
-LowBreakingCapacity
-Directlysolderableonprintedcircuitboards
Standards
-IEC60127-4/2
-UL248-14
-CSAC22.2no.248.14
Approvals
-ULFileNumber:E42088
Applications
-Telecom
-Industrialelectronic
-Householdappliances
References
GeneralProductInformation
PackagingDetails
SquareFootprintTypeMKT
CorrespondingFuseholder231786;231787
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
63-125VAC,65-125VDC
RatedCurrent
0.75-15A
BreakingCapacity
50A-150A
Characteristic
Time-LagT
Mounting
PCB,SMT
AdmissibleAmbientAirTemp. -55°Cto85°C
ClimaticCategory
55/085/56acc.toIEC60068-1
Material:Tube
Ceramic
Material:Endcaps
Tin-PlatedCopperAlloy
UnitWeight
0.07g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Current
SolderingMethods
Reflow,Wave
Solderability
235°C/2secacc.toIEC60068-2-58,
TestTd,Fig.2B(Reflow)//245°C/3
sec(Wave)
ResistancetoSolderingHeat
260°C/10secacc.toIEC60068-2-58,
TestTd
Dimensions
7mm
 
7 ±0.3
2 ±0.2
4
2.7
Soldering pads


Similar Part No. - 7010.9973.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7010.9970.63 SCHURTER-7010.9970.63 Datasheet
293Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
More results

Similar Description - 7010.9973.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSB SCHURTER-MSB_18 Datasheet
282Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
MSB SCHURTER-MSB_V02 Datasheet
293Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
MKT SCHURTER-MKT Datasheet
290Kb / 2P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
MKT SCHURTER-MKT_18 Datasheet
219Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
MKT SCHURTER-MKT_V02 Datasheet
289Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
OMT125 SCHURTER-OMT125 Datasheet
410Kb / 2P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_16 Datasheet
252Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_18 Datasheet
281Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_V01 Datasheet
292Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_V02 Datasheet
292Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com