Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2060.0010.xx Datasheet(PDF) 1 Page - Schurter Inc.

Part # 2060.0010.xx
Description  Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, Telecom
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2060.0010.xx Datasheet(HTML) 1 Page - Schurter Inc.

  2060.0010.xx Datasheet HTML 1Page - Schurter Inc. 2060.0010.xx Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Telecom Fuses
OSU 25
www.schurter.com/pg0_3
Fuses
Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, Telecom
UL 248-14 · 125VAC · 125VDC · Quick-Acting F
Description
-Directlysolderableonprintedcircuitboards
-Fuseholderavailable
Standards
-UL248-14
-CSAC22.2no.248.14
-TelcordiaGR-1089
-UL60950/IEC60950
-ITU-TK.20andK.21
-TIA-968-A
Approvals
-ULFileNumber:E41599
Applications
-xDSLandADSLlinecardsandmodems
References
GeneralProductInformation
PackagingDetails
CorrespondingFuseholderOMH125
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
125VAC,125VDC
RatedCurrent
0.25-3.15A
BreakingCapacity
100A
Characteristic
Quick-ActingF
Mounting
PCB,SMT
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Housing
Thermoplastic,UL94V-0
Material:Terminals
Tin-PlatedCopperAlloy
UnitWeight
0.08g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Type,Current,Approvals
SolderingMethods
Reflow,Wave
Solderability
245°C/3secacc.toIEC60068-2-58,
TestTd
ResistancetoSolderingHeat
260°C/10secacc.toIEC60068-2-58,
TestTd
LoadHumidityTest
MIL-STD-202,Method103B
(1000h@0.1*In@0.85r.H.@85°C)
MoistureResistanceTest
MIL-STD-202,Method106E
(50cyclesinatemp./misterchamber)
TerminalStrength
MIL-STD-202,Method211A
(Deflectionofboard1mmfor1minute)
CaseResistance
acc.toEIA/IS-722,Test4.7
>100M
Ω(betweenleedsandbody)
MechanicalShock
MIL-STD-202,Method213B
(Shock50gn,halfsinewave,11ms)
Vibration,HighFrequency
MIL-STD-202,Method204D
(Shock20gn,20min,10-2kHz,12
cyc.)
ResistancetoSolvents
MIL-STD-202,Method215A
Flammability
min.UL94V-1
(acc.toEIA/IS-722,Test4.12)
Dimensions
7.4mm
 
1.6
3
5.8
0.8
7.4
2
3.1
±0.1
+0.1
-0
3.5
3
Soldering pads


Similar Part No. - 2060.0010.xx

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2060 ETC1-2060 Datasheet
295Kb / 7P
   38-mm (1 1/2-inch) 10 stage, End-Window Photomultiplier
logo
Heyco.
2060 HEYCO-2060 Datasheet
133Kb / 1P
   Snap Bushings
logo
Christian Bürkert GmbH ...
2060 BURKERT-2060 Datasheet
1Mb / 25P
   Pneumatically operated 2/2-way angle seat valve with stainless steel actuator
20.03.2024
2060 BURKERT-2060 Datasheet
2Mb / 20P
   Modular process valve cluster – distributor and collector
06.03.2024
logo
WAGO Kontakttechnik Gmb...
2060-189 WAGO-2060-189 Datasheet
388Kb / 7P
   SMD PCB terminal block; push-button; 0.75 mm²
23.05.2020
More results

Similar Description - 2060.0010.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OSU125 SCHURTER-OSU125_V01 Datasheet
216Kb / 2P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, Telecom
OMF63 SCHURTER-OMF63 Datasheet
295Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF125 SCHURTER-OMF125_V02 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
OMF63 SCHURTER-OMF63_V01 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF125 SCHURTER-OMF125 Datasheet
463Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125_16 Datasheet
296Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125_18 Datasheet
325Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF63 SCHURTER-OMF63_18 Datasheet
324Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF SCHURTER-OMF Datasheet
462Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF63 SCHURTER-OMF63_V02 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com