Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3361BD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC3361BD
Description  Low Power Narrowband FM IF
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3361BD Datasheet(HTML) 1 Page - Motorola, Inc

  MC3361BD Datasheet HTML 1Page - Motorola, Inc MC3361BD Datasheet HTML 2Page - Motorola, Inc MC3361BD Datasheet HTML 3Page - Motorola, Inc MC3361BD Datasheet HTML 4Page - Motorola, Inc MC3361BD Datasheet HTML 5Page - Motorola, Inc MC3361BD Datasheet HTML 6Page - Motorola, Inc MC3361BD Datasheet HTML 7Page - Motorola, Inc MC3361BD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Device
Operating
Temperature Range
Package
MC3361B
SEMICONDUCTOR
TECHNICAL DATA
LOW POWER
NARROWBAND FM IF
ORDERING INFORMATION
MC3361BD
MC3361BP
TA = –30 to 70°C
SO–16
Plastic DIP
P SUFFIX
PLASTIC PACKAGE
CASE 648
16
1
116
15
14
13
12
11
10
9
2
3
4
5
6
7
8
(Top View)
Mixer Input
Demodulator
Output
PIN CONNECTIONS
Order this document by MC3361B/D
D SUFFIX
PLASTIC PACKAGE
CASE 751B
(SO–16)
16
1
Crystal Osc
Decoupling
Mixer Output
VCC
Limiter Input
Quad Coil
Ground
Audio Mute
Scan Control
Squelch Input
Filter Output
Filter Input
Not Recommended for New Design
1
MOTOROLA RF/IF DEVICE DATA
Low Power Narrowband FM IF
The MC3361B includes an Oscillator, Mixer, Limiting Amplifier,
Quadrature Discriminator, Active Filter, Squelch, Scan Control and Mute
Switch. This device is designed for use in FM dual conversion
communications equipment.
Operates from 2.0 to 8.0 V Supply
Low Drain Current 3.9 mA Typical @ VCC = 4.0 Vdc
Excellent Sensitivity: Input Limiting Voltage –3.0 dB = 2.6 µV Typical
Low Number of External Parts Required
Operating Frequency Up to 60 MHz
Limiter
Amp
Filter
Amp
Squelch Trigger with
Hysteresis
Oscillator
Mixer
52 k
Demodulator
AF
50 k
10 pF
+
Limiter
Input
Quad
Coil
8
7
Crystal
Osc
Mixer
Output
VCC
Decoupling
6
5
4
3
2
1
9
10
11
14
13
12
Recovered
Audio
15
Mixer
Input
Filter
Output
Squelch
In
Scan
Control
Filter
Input
Mute
Gnd
16
1.8 k
1.8 k
Amp
Representative Block Diagram
This device contains 92 active transistors.
© Motorola, Inc. 1999
Rev 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC3361BD

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC3361BP UTC-MC3361BP Datasheet
174Kb / 5P
   LOW VOLTAGE/POWER NARROW BAND FM IF
MC3361BP-D16-T UTC-MC3361BP-D16-T Datasheet
174Kb / 5P
   LOW VOLTAGE/POWER NARROW BAND FM IF
MC3361BP-D16-T UTC-MC3361BP-D16-T Datasheet
186Kb / 5P
   LOW VOLTAGE/POWER NARROW BAND FM IF
MC3361BP-N16-R UTC-MC3361BP-N16-R Datasheet
174Kb / 5P
   LOW VOLTAGE/POWER NARROW BAND FM IF
MC3361BP-N16-R UTC-MC3361BP-N16-R Datasheet
186Kb / 5P
   LOW VOLTAGE/POWER NARROW BAND FM IF
More results

Similar Description - MC3361BD

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
   1.8 V Low-Voltage Narrowband FM-IF System
logo
Motorola, Inc
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
   Low Power Narrowband FM Receiver
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Sanyo Semicon Device
LA8615M SANYO-LA8615M Datasheet
305Kb / 11P
   Narrowband FM IF Amplifiers for Pager Receivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com