Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3404.2312.xx Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3404.2312.xx
Description  Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 125 VAC, 125 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3404.2312.xx Datasheet(HTML) 2 Page - Schurter Inc.

  3404.2312.xx Datasheet HTML 1Page - Schurter Inc. 3404.2312.xx Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
OMK 25
www.schurter.com/pg0_2
Fuses
Variants
Fuse
Holder
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .0 In
typ. [mW]
Melting I²t 4.0
In typ. [A²s]
Order Number
l
l
0.063
125
125
1)
2550
160
0.00011
l
3404.2303.xx
l
l
0.1
125
125
1)
1770
180
0.00067
l
3404.2304.xx
l
l
0.125
125
125
1)
1770
220
0.0011
l
3404.2349.xx
l
l
0.16
125
125
1)
1700
270
0.0018
l
3404.2305.xx
l
l
0.25
125
125
1)
990
250
0.0058
l
3404.2306.xx
l
l
0.35
125
125
1)
990
350
0.0076
l
3404.2343.xx
l
l
0.375
125
125
1)
990
370
0.013
l
3404.2344.xx
l
l
0.4
125
125
1)
960
380
0.016
l
3404.2307.xx
l
l
0.5
125
125
1)
350
150
0.01
l
3404.2345.xx
l
l
0.63
125
125
1)
290
180
0.02
l
3404.2308.xx
l
l
0.75
125
125
1)
260
200
0.031
l
3404.2346.xx
l
l
1
125
125
1)
220
220
0.078
l
3404.2309.xx
l
l
1.25
125
125
1)
220
280
0.14
l
3404.2310.xx
l
l
1.5
125
125
1)
200
300
0.24
l
3404.2347.xx
l
l
1.6
125
125
1)
200
320
0.27
l
3404.2311.xx
l
l
2
125
125
1)
200
400
0.44
l
3404.2312.xx
l
l
2.5
125
125
1)
190
480
0.97
l
3404.2313.xx
l
l
3
125
125
1)
190
570
1.3
l
3404.2314.xx
l
l
3.15
125
125
1)
190
600
1.2
l
3404.2348.xx
l
l
3.5
125
125
1)
140
490
1.6
l
3404.2315.xx
l
l
4
125
125
1)
140
560
2.1
l
3404.2316.xx
l
l
5
125
125
1)
140
700
2.9
l
3404.2317.xx
1)100A@125VAC/DC
Packaging Unit
.xx=.11PlasticBag(100pcs.)
.xx=.22BlisterTape18cmReel(750pcs.)
.xx=.23BlisterTape33cmReel(1500pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
≤ 5 A
6.3 A – 8A
10 A
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 3404.2312.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3404.2312.11 SCHURTER-3404.2312.11 Datasheet
191Kb / 3P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 125 VAC, 125 VDC
3404.2312.22 SCHURTER-3404.2312.22 Datasheet
191Kb / 3P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 125 VAC, 125 VDC
3404.2312.23 SCHURTER-3404.2312.23 Datasheet
191Kb / 3P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 125 VAC, 125 VDC
More results

Similar Description - 3404.2312.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OMK125 SCHURTER-OMK125_V02 Datasheet
304Kb / 4P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
OMK125 SCHURTER-OMK125_16 Datasheet
191Kb / 3P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 125 VAC, 125 VDC
OMK125 SCHURTER-OMK125_18 Datasheet
223Kb / 4P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 125 VAC, 125 VDC
OMK125 SCHURTER-OMK125_V01 Datasheet
242Kb / 4P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 125 VAC, 125 VDC
OMK63 SCHURTER-OMK63_16 Datasheet
183Kb / 3P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
MKF SCHURTER-MKF_V02 Datasheet
293Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
MKF SCHURTER-MKF Datasheet
400Kb / 2P
   Surface Mount Fuse, 7 x 2.54 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125 Datasheet
463Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
172876 SCHURTER-172876 Datasheet
415Kb / 2P
   Surface Mount Fuse, 7 x 2 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125_V02 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com