Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.7316 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0034.7316
Description  Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.7316 Datasheet(HTML) 2 Page - Schurter Inc.

  0034.7316 Datasheet HTML 1Page - Schurter Inc. 0034.7316 Datasheet HTML 2Page - Schurter Inc. 0034.7316 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
MSTU 250
www.schurter.com/pg0_2
Fuses
Pre-Arcing Time
Rated Current In
.0 x In min. 2.0 x In max.
0.063 A - 10 A
4 h
60 s
Variants
S=ShortTerminals
L=LongTerminals
T=TapedandReeled
.
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .0 In
typ. [mW]
Melting I²t
0.0 Intyp.
[A²s]
S L T
Order Number
0.063
250
1)
544
37
0.0176
l
l
l
 
 
0034.7103
0.08
250
1)
413
38
0.0313
l
l
l
 
 
0034.7104
0.1
250
1)
318
35
0.0456
l
l
l
 
 
0034.7105
0.125
250
1)
289
40
0.0567
l
l
l
 
 
0034.7106
0.16
250
1)
219
38
0.0692
l
l
l
 
 
0034.7107
0.2
250
1)
262
60
0.133
l
l
l
 
 
0034.7108
0.25
250
1)
202
55
0.258
l
l
l
 
 
0034.7109
0.315
250
1)
168
49
0.361
l
l
l
 
 
0034.7110
0.4
250
1)
159
69
0.528
l
l
l
 
 
0034.7111
0.5
250
1)
143
78
0.898
l
l
l
 
 
0034.7112
0.63
250
1)
124
85
2.24
l
l
l
 
 
0034.7113
0.8
250
1)
114
98
4.05
l
l
l
 
 
0034.7114
1
250
1)
100
107
6.85
l
l
l
 
 
0034.7115
1.25
250
1)
94
127
7.93
l
l
l
 
 
0034.7116
1.6
250
1)
85
145
17.5
l
l
l
 
 
0034.7117
2
250
1)
80
175
28.6
l
l
l
 
 
0034.7118
2.5
250
1)
75
205
40.9
l
l
l
 
 
0034.7119
3.15
250
1)
71
240
55
l
l
l
 
 
0034.7120
4
250
1)
72
303
67.2
l
l
l
 
 
0034.7121
5
250
1)
70
376
142
l
l
l
 
 
0034.7122
6.3
250
1)
68
488
287
l
l
l
 
 
0034.7123
8
250
1)
50
445
422
l
l
l
 
 
0034.7124
10
250
1)
50
630
564
l
l
l
 
 
0034.7125
0.063
250
1)
544
37
0.0176
l
l
 
l
 
0034.7203
0.08
250
1)
413
38
0.0313
l
l
 
l
 
0034.7204
0.1
250
1)
318
35
0.0456
l
l
 
l
 
0034.7205
0.125
250
1)
289
40
0.0567
l
l
 
l
 
0034.7206
0.16
250
1)
219
38
0.0692
l
l
 
l
 
0034.7207
0.2
250
1)
262
60
0.133
l
l
 
l
 
0034.7208
0.25
250
1)
202
55
0.258
l
l
 
l
 
0034.7209
0.315
250
1)
168
49
0.361
l
l
 
l
 
0034.7210
0.4
250
1)
159
69
0.528
l
l
 
l
 
0034.7211
0.5
250
1)
143
78
0.898
l
l
 
l
 
0034.7212
0.63
250
1)
124
85
2.24
l
l
 
l
 
0034.7213
0.8
250
1)
114
98
4.05
l
l
 
l
 
0034.7214
1
250
1)
100
107
6.85
l
l
 
l
 
0034.7215
1.25
250
1)
94
127
7.93
l
l
 
l
 
0034.7216
1.6
250
1)
85
145
17.5
l
l
 
l
 
0034.7217
2
250
1)
80
175
28.6
l
l
 
l
 
0034.7218
2.5
250
1)
75
205
40.9
l
l
 
l
 
0034.7219
3.15
250
1)
71
240
55
l
l
 
l
 
0034.7220
4
250
1)
72
303
67.2
l
l
 
l
 
0034.7221
5
250
1)
70
376
142
l
l
 
l
 
0034.7222
6.3
250
1)
68
488
287
l
l
 
l
 
0034.7223
8
250
1)
50
445
422
l
l
 
l
 
0034.7224
10
250
1)
50
630
564
l
l
 
l
 
0034.7225


Similar Part No. - 0034.7316

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.7316 SCHURTER-0034.7316 Datasheet
259Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
More results

Similar Description - 0034.7316

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSTU250 SCHURTER-MSTU250_V02 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
04.01.2022
MSTU250 SCHURTER-MSTU250_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V01 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250 Datasheet
259Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
00346914 SCHURTER-00346914 Datasheet
516Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250_V01 Datasheet
394Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MST250 SCHURTER-MST250_18 Datasheet
449Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250 Datasheet
388Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250_V02 Datasheet
494Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
04.01.2022
MXT250 SCHURTER-MXT250 Datasheet
354Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com