Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2115 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2115
Description  HIGH POWER UHF AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2115 Datasheet(HTML) 7 Page - RF Micro Devices

  RF2115 Datasheet HTML 1Page - RF Micro Devices RF2115 Datasheet HTML 2Page - RF Micro Devices RF2115 Datasheet HTML 3Page - RF Micro Devices RF2115 Datasheet HTML 4Page - RF Micro Devices RF2115 Datasheet HTML 5Page - RF Micro Devices RF2115 Datasheet HTML 6Page - RF Micro Devices RF2115 Datasheet HTML 7Page - RF Micro Devices RF2115 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2-45
RF2115L
Rev B1 010329
2
Evaluation Board Layout
2” x 3”


Similar Part No. - RF2115

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2114 RFMD-RF2114 Datasheet
73Kb / 6P
   MEDIUM POWER LINEAR AMPLIFIER
RF2114PCBA RFMD-RF2114PCBA Datasheet
73Kb / 6P
   MEDIUM POWER LINEAR AMPLIFIER
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
RF2117PCBA RFMD-RF2117PCBA Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
RF2119 RFMD-RF2119 Datasheet
82Kb / 8P
   HIGH EFFICIENCY 2V POWER AMPLIFIER
More results

Similar Description - RF2115

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAMH9120 DAICO-CAMH9120 Datasheet
155Kb / 1P
   UHF High Power Amplifier
logo
RF Micro Devices
RF2105L RFMD-RF2105L Datasheet
70Kb / 8P
   HIGH POWER LINEAR UHF AMPLIFIER
logo
DAICO Industries, Inc.
CAM09121 DAICO-CAM09121 Datasheet
165Kb / 1P
   UHF High Power Amplifier (Driver)
logo
List of Unclassifed Man...
BGY91A ETC-BGY91A Datasheet
126Kb / 3P
   UHF Power Amplifier module
logo
American Microsemicondu...
2N5481 AMMSEMI-2N5481 Datasheet
1Mb / 1P
   NPN UHF POWER Amplifier Transistor
logo
Toshiba Semiconductor
2SC2106 TOSHIBA-2SC2106 Datasheet
60Kb / 2P
   UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC2379 TOSHIBA-2SC2379 Datasheet
59Kb / 2P
   UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC1001 TOSHIBA-2SC1001 Datasheet
58Kb / 2P
   UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC1165 TOSHIBA-2SC1165 Datasheet
56Kb / 2P
   UHF BAND POWER AMPLIFIER APPLICATIONS.
logo
Mitsubishi Electric Sem...
MGF7170AC MITSUBISHI-MGF7170AC Datasheet
316Kb / 16P
   UHF BAND GaAs POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com