Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6140 Datasheet(PDF) 4 Page - Semtech Corporation

Part # 1N6140
Description  1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N6140 Datasheet(HTML) 4 Page - Semtech Corporation

  1N6140 Datasheet HTML 1Page - Semtech Corporation 1N6140 Datasheet HTML 2Page - Semtech Corporation 1N6140 Datasheet HTML 3Page - Semtech Corporation 1N6140 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
© 2010 Semtech Corp.
www.semtech.com
POWER DISCRETES
1N6138US thru 1N6173US
1N6139AUS thru 1N6173AUS
Semtech Corporation
Power Discretes Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
Outline Drawing
r
e
b
m
u
N
t
r
a
P
n
o
i
t
p
i
r
c
s
e
D
S
U
3
7
1
6
N
1
u
r
h
t
S
U
8
3
1
6
N
1
S
U
A
3
7
1
6
N
1
u
r
h
t
S
U
A
9
3
1
6
N
1
)
S
U
(
t
n
u
o
M
e
c
a
f
r
u
S
)
1
(
Note:
(1) Available in trays or tape and reel packaging. Please
consult factory for quantities.
Ordering Information
s
n
o
i
s
n
e
m
i
D
S
U
3
7
1
6
N
1
-
S
U
8
3
1
6
N
1
S
U
A
3
7
1
6
N
1
-
S
U
A
9
3
1
6
N
1
s
e
h
c
n
I
N
I
M
X
A
M
A
5
0
2
.
0
5
4
2
.
0
B
9
1
0
.
0
8
2
0
.
0
C
3
0
0
.
0
-
D
3
8
1
.
0
2
0
2
.
0
A
B
C
D
D


Similar Part No. - 1N6140

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6140 SEMTECH-1N6140 Datasheet
111Kb / 3P
   1500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
Microsemi Corporation
1N6140 MICROSEMI-1N6140 Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
logo
Semtech Corporation
1N6140 SEMTECH-1N6140 Datasheet
133Kb / 5P
   1500W Bipolar Transient Voltage Suppressors
1N6140 SEMTECH-1N6140 Datasheet
94Kb / 5P
   1500W Bipolar Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
1N6140 NJSEMI-1N6140 Datasheet
246Kb / 2P
   1500W BIPOLAR TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1N6140

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6138US SEMTECH-1N6138US Datasheet
119Kb / 4P
   1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6102US SEMTECH-1N6102US Datasheet
118Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6102US SEMTECH-1N6102US_10 Datasheet
47Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com