Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.5706.11-ND Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0034.5706.11-ND
Description  Surface Mount Fuse, 5 x 20 mm, Super-Time-Lag TT, L, 250 VAC, Au plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.5706.11-ND Datasheet(HTML) 1 Page - Schurter Inc.

  0034.5706.11-ND Datasheet HTML 1Page - Schurter Inc. 0034.5706.11-ND Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Non resettable fuses
SMD-FTT
www.schurter.com/pg0_2
Fuses
Surface Mount Fuse, 5 x 20 mm, Super-Time-Lag TT, L, 250 VAC, Au plating
UL 248-14 · 250VAC · Super-Time-Lag TT
Description
-Directlysolderableonprintedcircuitboards
Standards
-UL248-14
-CSAC22.2no.248.14
Approvals
-ULFileNumber:E41599
References
GeneralProductInformation
PackagingDetails
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
250VAC
RatedCurrent
0.16-4A
BreakingCapacity
35A
Characteristic
Super-Time-LagTT
Mounting
PCB,SMT
AdmissibleAmbientAirTemp. -55°Cto125°C
ClimaticCategory
55/125/21acc.toIEC60068-1
Material:Housing
Glass
Material:Terminals
Gold-PlatedCopperAlloy
UnitWeight
1.11g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Current,Voltage,Characteristic,
BreakingCapacity
SolderingMethods
Reflow
Solderability
245°C/3secacc.toIEC60068-2-58,
TestTd
ResistancetoSolderingHeat
260°C/10secacc.toIEC60068-2-58,
TestTd
ResistancetoVibration
acc.toIEC60068-2-6,testFc
LifeTest
MIL-STD-202,Method108A
(1000h@0.42*In@70°C)
LoadHumidityTest
MIL-STD-202,Method103B
(1000h@0.1*In@0.85r.H.@85°C)
MoistureResistanceTest
MIL-STD-202,Method106E
(50cyclesinatemp./misterchamber)
TerminalStrength
MIL-STD-202,Method211A
(Deflectionofboard1mmfor1minute)
ThermalShock
MIL-STD-202,Method107D
(200air-to-aircyclesfrom-55to
+125°C)
CaseResistance
acc.toEIA/IS-722,Test4.7
>100M
Ω(betweenleedsandbody)
ResistancetoSolvents
MIL-STD-202,Method215A
Flammability
min.UL94V-1
(acc.toEIA/IS-722,Test4.12)
Dimensions
20mm
 
10
20±0.5
±0.2
5.5
5.5
9.5
Soldering pads


Similar Part No. - 0034.5706.11-ND

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.5031 SCHURTER-0034.5031 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
0034.5032 SCHURTER-0034.5032 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
0034.5033 SCHURTER-0034.5033 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
0034.5034 SCHURTER-0034.5034 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
0034.5035 SCHURTER-0034.5035 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
More results

Similar Description - 0034.5706.11-ND

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SMD-FTT SCHURTER-SMD-FTT_18 Datasheet
283Kb / 4P
   Surface Mount Fuse, 5 x 20 mm, Super-Time-Lag TT, L, 250 VAC, Au plating
FTT5X20 SCHURTER-FTT5X20_V02 Datasheet
262Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
04.01.2022
SMD-FST SCHURTER-SMD-FST Datasheet
438Kb / 3P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
SMD-FST SCHURTER-SMD-FST_18 Datasheet
327Kb / 4P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
FTT5X20 SCHURTER-FTT5X20 Datasheet
247Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
00345031 SCHURTER-00345031 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
SMD-SPT SCHURTER-SMD-SPT Datasheet
439Kb / 3P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating
SMD-SPT SCHURTER-SMD-SPT_18 Datasheet
297Kb / 4P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating
00343101 SCHURTER-00343101 Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20 Datasheet
333Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com