Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6161 Datasheet(PDF) 1 Page - Semtech Corporation

Part # 1N6161
Description  1500W Bipolar Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N6161 Datasheet(HTML) 1 Page - Semtech Corporation

  1N6161 Datasheet HTML 1Page - Semtech Corporation 1N6161 Datasheet HTML 2Page - Semtech Corporation 1N6161 Datasheet HTML 3Page - Semtech Corporation 1N6161 Datasheet HTML 4Page - Semtech Corporation 1N6161 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.semtech.com
1N6138 thru 1N6173
1500W Bipolar Transient
Voltage Suppressors
POWER DISCRETES
Features
Revision: February 2010
Quick reference data
VBR MIN = 6.12 -180V
I(BR) = 5mA - 175mA
VRWM = 5.2 - 152V
VC (max) = 11V - 286V
Low dynamic impedance
1500 watt peak pulse power
7.5W continuous at T
L = 25°C
Electrical Specifications
Electrical specifications @ T
A = 25°C unless otherwise specified.
e
c
i
v
e
D
e
p
y
T
m
u
m
i
n
i
M
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
V
)
R
B
(
I
@
)
R
B
(
t
s
e
T
t
n
e
r
r
u
C
I
)
R
B
(
g
n
i
k
r
o
W
e
s
r
e
v
e
R
.
k
P
e
g
a
t
l
o
V
V
M
W
R
m
u
m
i
x
a
M
e
s
r
e
v
e
R
t
n
e
r
r
u
C
I
R
m
u
m
i
x
a
M
g
n
i
p
m
a
l
C
e
g
a
t
l
o
V
V
C
I
@
P
m
u
m
i
x
a
M
e
s
l
u
P
.
k
P
I
t
n
e
r
r
u
C
P
T
P =
)
1
(
.
p
m
e
T
f
o
.
f
f
e
o
C
V
)
R
B
(
ααααα
)
Z
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
R
t
n
e
r
r
u
C
I
2
R
C
°
0
5
1
@
s
t
l
o
V
A
m
s
t
l
o
V
A
µ
s
t
l
o
V
s
p
m
A
C
°
/
%
A
µ
8
3
1
6
N
1
2
1
.
6
5
7
1
2
.
5
0
0
5
0
.
1
1
4
.
6
3
1
5
0
.
0
0
0
0
,
2
1
9
3
1
6
N
1
5
7
.
6
5
7
1
7
.
5
0
0
3
8
.
1
1
1
.
7
2
1
6
0
.
0
0
0
0
,
3
0
4
1
6
N
1
8
3
.
7
0
5
1
2
.
6
0
0
1
7
.
2
1
1
.
8
1
1
6
0
.
0
0
0
0
,
2
1
4
1
6
N
1
9
1
.
8
0
5
1
9
.
6
0
0
1
0
.
4
1
1
.
7
0
1
6
0
.
0
0
0
2
,
1
2
4
1
6
N
1
0
.
9
5
2
1
6
.
7
0
0
1
2
.
5
1
7
.
8
9
7
0
.
0
0
0
8
3
4
1
6
N
1
9
.
9
5
2
1
4
.
8
0
2
3
.
6
1
0
.
2
9
7
0
.
0
0
0
8
4
4
1
6
N
1
8
.
0
1
0
0
1
1
.
9
0
2
7
.
7
1
7
.
4
8
7
0
.
0
0
0
6
5
4
1
6
N
1
7
.
1
1
0
0
1
9
.
9
0
2
0
.
9
1
9
.
8
7
8
0
.
0
0
0
6
6
4
1
6
N
1
5
.
3
1
5
7
4
.
1
1
0
2
9
.
1
2
5
.
8
6
8
0
.
0
0
0
4
7
4
1
6
N
1
4
.
4
1
5
7
2
.
2
1
0
2
4
.
3
2
1
.
4
6
8
0
.
0
0
0
4
8
4
1
6
N
1
2
.
6
1
5
6
7
.
3
1
0
1
3
.
6
2
0
.
7
5
5
8
0
.
0
0
4
9
4
1
6
N
1
0
.
8
1
5
6
2
.
5
1
5
0
.
9
2
7
.
1
5
5
8
0
.
0
0
4
0
5
1
6
N
1
8
.
9
1
0
5
7
.
6
1
5
9
.
1
3
0
.
7
4
5
8
0
.
0
0
4
1
5
1
6
N
1
6
.
1
2
0
5
2
.
8
1
5
8
.
4
3
1
.
3
4
9
0
.
0
0
4
2
5
1
6
N
1
3
.
4
2
0
5
6
.
0
2
5
2
.
9
3
3
.
8
3
9
0
.
0
0
4
3
5
1
6
N
1
0
.
7
2
0
4
8
.
2
2
5
6
.
3
4
4
.
4
3
9
0
.
0
0
4
4
5
1
6
N
1
7
.
9
2
0
4
1
.
5
2
5
9
.
7
4
3
.
1
3
5
9
0
.
0
0
4
5
5
1
6
N
1
4
.
2
3
0
3
4
.
7
2
5
3
.
2
5
7
.
8
2
5
9
0
.
0
0
4
Description
These products are qualified to MIL-PRF-19500/516
and are preferred parts as listed in MIL-HDBK-5961.
They can be supplied fully released as JANTX
,JANTXV and JANS versions.


Similar Part No. - 1N6161

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6161 SEMTECH-1N6161 Datasheet
111Kb / 3P
   1500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
Microsemi Corporation
1N6161 MICROSEMI-1N6161 Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
logo
Semtech Corporation
1N6161 SEMTECH-1N6161 Datasheet
133Kb / 5P
   1500W Bipolar Transient Voltage Suppressors
1N6161 SEMTECH-1N6161 Datasheet
47Kb / 4P
   1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
logo
New Jersey Semi-Conduct...
1N6161A NJSEMI-1N6161A Datasheet
89Kb / 1P
   HIGH SURGE CAPACITY PROVIDES TRANSIENT PROTECTION FOR MOST CRITICAL CIRCUITS
More results

Similar Description - 1N6161

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6138 SEMTECH-1N6138_07 Datasheet
133Kb / 5P
   1500W Bipolar Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
1N6138 NJSEMI-1N6138 Datasheet
246Kb / 2P
   1500W BIPOLAR TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
1.5KE ZSELEC-1.5KE Datasheet
328Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SMCJ5.0CA HUAXINAN-SMCJ5.0CA_V01 Datasheet
420Kb / 5P
   1500W Transient Voltage Suppressors
1.5KE6.8CA HUAXINAN-1.5KE6.8CA_V01 Datasheet
365Kb / 5P
   1500W Transient Voltage Suppressors
1.5SMBJ6.8CA HUAXINAN-1.5SMBJ6.8CA Datasheet
426Kb / 4P
   1500W Transient Voltage Suppressors
logo
Won-Top Electronics
1-5KE WTE-1-5KE Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
15KE WTE-15KE Datasheet
65Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Digitron Semiconductors
1N5610 DIGITRON-1N5610 Datasheet
106Kb / 2P
   1500W TRANSIENT VOLTAGE SUPPRESSORS UNIDIRECTIONAL
logo
Won-Top Electronics
15SMCJ WTE-15SMCJ Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com