Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25671A5347A375 Datasheet(PDF) 2 Page - EPCOS

Part # B25671A5347A375
Description  Film Capacitors - Power Factor Correction PoleCap capacitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25671A5347A375 Datasheet(HTML) 2 Page - EPCOS

  B25671A5347A375 Datasheet HTML 1Page - EPCOS B25671A5347A375 Datasheet HTML 2Page - EPCOS B25671A5347A375 Datasheet HTML 3Page - EPCOS B25671A5347A375 Datasheet HTML 4Page - EPCOS B25671A5347A375 Datasheet HTML 5Page - EPCOS B25671A5347A375 Datasheet HTML 6Page - EPCOS B25671A5347A375 Datasheet HTML 7Page - EPCOS B25671A5347A375 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Film Capacitors – Power Factor Correction
B25671A5347A375
PoleCap capacitor
MKK525-D-30-P
FK PC PM PFC
June 2009
Please read Cautions and warnings and
Page 2 of 8
Important notes at the end of this document.
Construction
Dielectric: Polypropylene film
Gas impregnated / dry type
Concentric winding
Wave cut
Extruded round aluminum can with stud
Provided with ceramic discharge module
Triple safety system
Features
Three-phase, delta connected
Self-healing technology
Naturally air cooled
Outdoor mounting
Ambient
Highest insulation strength for outdoor applications
(to IEC60831, 15 kV)
Terminal cover, cable gland and connection cable
made of material resistant to weather, UV radiation
and aging
Cable UV-resistant
Housing of pure aluminum (corrosion-free operation)
Double housing of terminals for protection against
hazardous parts, ingress of solid foreign bodies,
dust and harmful effects of water
Technical data and specifications
Characteristics
Rated capacitance CR
3 • 115 µF
Tolerance
–5 / +10%
Connection
D (Delta)
Rated voltage VR
525 V AC
Rated frequency fR
50 Hz
60 Hz
Output
30 kvar
--
Rated current IR
33 A
--
tan δ (dielectric)
0.2 W / kvar
Label design


Similar Part No. - B25671A5347A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25671A5347A375 EPCOS-B25671A5347A375 Datasheet
323Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
logo
TDK Electronics
B25671A5347A375 TDK-B25671A5347A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results

Similar Description - B25671A5347A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25671A5127A375 EPCOS-B25671A5127A375_09 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5197A375 EPCOS-B25671A5197A375_09 Datasheet
119Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5177A375 EPCOS-B25671A5177A375_09 Datasheet
118Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
logo
TDK Electronics
B25671A3207A375 TDK-B25671A3207A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction PoleCap capacitor
logo
EPCOS
B25671A5247A375 EPCOS-B25671A5247A375_09 Datasheet
118Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5042A020 EPCOS-B25671A5042A020_09 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5052A020 EPCOS-B25671A5052A020 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
logo
TDK Electronics
B25671A3247A375 TDK-B25671A3247A375 Datasheet
129Kb / 8P
   Film Capacitors . Power Factor Correction PoleCap capacitor
logo
EPCOS
B25671A5287A375 EPCOS-B25671A5287A375_09 Datasheet
116Kb / 8P
   Film Capacitors - Powe Factor Correction PoleCap capacitor
B25671A5996A375 EPCOS-B25671A5996A375 Datasheet
157Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com