Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2127 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2127
Description  MEDIUM POWER LINEAR AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2127 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2127 Datasheet HTML 1Page - RF Micro Devices RF2127 Datasheet HTML 2Page - RF Micro Devices RF2127 Datasheet HTML 3Page - RF Micro Devices RF2127 Datasheet HTML 4Page - RF Micro Devices RF2127 Datasheet HTML 5Page - RF Micro Devices RF2127 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ü
2-79
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
VCC2
GND1
PD
RF IN
VCC1
RF OUT
RF OUT
GND2
BIAS
CIRCUITS
RF2127
MEDIUM POWER LINEAR AMPLIFIER
• DECT Cordless Applications
• PCS Communication Systems
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2127 is a medium-power, high-efficiency, linear
amplifierIC. The deviceis manufacturedonanadvanced
Gallium Arsenide Heterojunction Bipolar Transistor (HBT)
process, and has been designed for use as the final RF
amplifier in 1800MHz digital PCS phone transmitters
requiring
linear
amplification
operating
between
1800 MHz and 1900 MHz, with over 100mW transmitted
power. It will also function as the driver stage for the
RF2125 high power amplifier. A simple power down func-
tion is included for TDD operation.
• Single 3.0V to 6.5V Supply
• 100mW Linear Output Power
• 25dB Small Signal Gain
• 30% Efficiency
• Digitally Controlled Power Down Mode
• 1500MHz to 1900MHz Operation
RF2127
Medium Power Linear Amplifier
RF2127 PCBA
Fully Assembled Evaluation Board
2
Rev A3 010720
0.248
0.232
0.200
0.192
0.160
0.152
0.018
0.014
0.050
0.059
0.057
0.010
0.004
-A-
0.0100
0.0076
0.0500
0.0164
8° MAX
0° MIN
NOTES:
1. Shaded lead is pin 1.
2. All dimensions are excluding flash, protrusions or burrs.
3. Lead coplanarity: 0.005 with respect to datum "A".
4. Package surface finish: Matte (Charmilles #24~27).
Package Style: SOIC-8


Similar Part No. - RF2127

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF212 ETC-RF212 Datasheet
89Kb / 9P
   Image-Reject Front End for Dual or Tri-Band GSM Applications
RF212-11 ETC-RF212-11 Datasheet
89Kb / 9P
   Image-Reject Front End for Dual or Tri-Band GSM Applications
RF212-21 ETC-RF212-21 Datasheet
89Kb / 9P
   Image-Reject Front End for Dual or Tri-Band GSM Applications
logo
RF Micro Devices
RF2123 RFMD-RF2123 Datasheet
312Kb / 4P
   Base Station Equipment
RF2125 RFMD-RF2125 Datasheet
104Kb / 6P
   HIGH POWER LINEAR AMPLIFIER
More results

Similar Description - RF2127

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2103P RFMD-RF2103P Datasheet
191Kb / 10P
   MEDIUM POWER LINEAR AMPLIFIER
RF2128 RFMD-RF2128 Datasheet
60Kb / 4P
   MEDIUM POWER LINEAR AMPLIFIER
RF2128P RFMD-RF2128P Datasheet
134Kb / 4P
   MEDIUM POWER LINEAR AMPLIFIER
RF2103P RFMD-RF2103P_06 Datasheet
215Kb / 10P
   MEDIUM POWER LINEAR AMPLIFIER
RF2114 RFMD-RF2114 Datasheet
73Kb / 6P
   MEDIUM POWER LINEAR AMPLIFIER
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
   Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com