Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.5713.11-ND Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0034.5713.11-ND
Description  Surface Mount Fuse, 5 x 20 mm, Super-Time-Lag TT, L, 250 VAC, Au plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.5713.11-ND Datasheet(HTML) 2 Page - Schurter Inc.

  0034.5713.11-ND Datasheet HTML 1Page - Schurter Inc. 0034.5713.11-ND Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
SMD-FTT
www.schurter.com/pg0_2
Fuses
Pre-Arcing Time
Rated Current In
.5 x In min. 2. x In max.
2.75 x In
min.
2.75 x In
max.
4.0 x In min. 4.0 x In max.
0.0 x In
min.
0.0 x In
max.
0.16 A - 4 A
60 min
30 min
5 s
200 s
1.5 s
40 s
150 ms
3 s
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .5 In
typ. [mW]
Melting I²t
0.0 Intyp.
[A²s]
Order Number
0.16
250
1)
2000
450
300
1
l
0034.5705.xx
0.2
250
1)
1500
400
330
1.73
l
0034.5706.xx
0.25
250
1)
1200
330
350
2.53
l
0034.5707.xx
0.315
250
1)
1000
300
360
4.17
l
0034.5708.xx
0.4
250
1)
900
225
400
5.2
l
0034.5709.xx
0.5
250
1)
800
250
440
7.9
l
0034.5710.xx
0.63
250
1)
700
200
470
13.7
l
0034.5711.xx
0.8
250
1)
500
160
540
19.6
l
0034.5712.xx
1
250
1)
250
150
540
19.4
l
0034.5713.xx
1.25
250
1)
200
105
350
63
l
0034.5714.xx
1.6
250
1)
200
100
650
87
l
0034.5715.xx
2
250
1)
200
100
800
124
l
0034.5716.xx
2.5
250
1)
150
90
850
258
l
0034.5717.xx
3.15
250
1)
100
90
1000
395
l
0034.5718.xx
4
250
1)
100
80
1150
410
l
0034.5719.xx
1)35A@250VAC
Packaging Unit
.xx=.11PlasticBag(100pcs.)
.xx=.22BlisterTape38cmReel(1000pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
≤ 0.1 A
_> 0.125 A
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 0034.5713.11-ND

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.5031 SCHURTER-0034.5031 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
0034.5032 SCHURTER-0034.5032 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
0034.5033 SCHURTER-0034.5033 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
0034.5034 SCHURTER-0034.5034 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
0034.5035 SCHURTER-0034.5035 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
More results

Similar Description - 0034.5713.11-ND

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SMD-FTT SCHURTER-SMD-FTT_18 Datasheet
283Kb / 4P
   Surface Mount Fuse, 5 x 20 mm, Super-Time-Lag TT, L, 250 VAC, Au plating
FTT5X20 SCHURTER-FTT5X20_V02 Datasheet
262Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
04.01.2022
SMD-FST SCHURTER-SMD-FST Datasheet
438Kb / 3P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
SMD-FST SCHURTER-SMD-FST_18 Datasheet
327Kb / 4P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
FTT5X20 SCHURTER-FTT5X20 Datasheet
247Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
00345031 SCHURTER-00345031 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
SMD-SPT SCHURTER-SMD-SPT Datasheet
439Kb / 3P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating
SMD-SPT SCHURTER-SMD-SPT_18 Datasheet
297Kb / 4P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating
00343101 SCHURTER-00343101 Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20 Datasheet
333Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com