Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0001.2709.22 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0001.2709.22
Description  Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0001.2709.22 Datasheet(HTML) 1 Page - Schurter Inc.

  0001.2709.22 Datasheet HTML 1Page - Schurter Inc. 0001.2709.22 Datasheet HTML 2Page - Schurter Inc. 0001.2709.22 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Non resettable fuses
SPT 5x20
www.schurter.com/pg0_2
Fuses
Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
IEC 60127-2 · 250VAC · 300VDC · Time-Lag T
Description
-IECStandardFuse
-H=HighBreakingCapacity(CeramicTube)
Standards
-IEC60127-2/5
-UL248-14
-CSAC22.2no.248.14
Approvals
-VDELicenseNumber:40014395
-ULFileNumber:E41599
Applications
-PrimaryProtectioninEquipment
-PowerSupplyAdapterfore.g.laptops
-SMPS(SwitchingModePowerSupply)forTV'sandDVD's
References
GeneralProductInformation
PigtailTypeSPT5x20Pigtail
FuseKitFuseKit5x20
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
250VAC,300VDC
RatedCurrent
0.5-16A
BreakingCapacity
500A-1500A
Characteristic
Time-LagT
AdmissibleAmbientAirTemp. -55°Cto125°C
ClimaticCategory
55/125/21acc.toIEC60068-1
Material:Tube
Ceramic
Material:Endcaps
Nickel-PlatedCopperAlloy
UnitWeight
1.16g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Current,Voltage,Characteristic,
BreakingCapacity,Approvals
Dimensions
20mm
 
10
20±0.5
±0.2


Similar Part No. - 0001.2709.22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0001.2709.22 SCHURTER-0001.2709.22 Datasheet
458Kb / 3P
   Surface Mount Fuse
0001.2709.22 SCHURTER-0001.2709.22 Datasheet
457Kb / 3P
   Surface Mount Fuse
More results

Similar Description - 0001.2709.22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SPT5X20 SCHURTER-SPT5X20 Datasheet
369Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
SPT5X20 SCHURTER-SPT5X20_V01 Datasheet
385Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
08.02.2022
SPT5X20PIGTAIL SCHURTER-SPT5X20PIGTAIL Datasheet
285Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
0001.2501.PT SCHURTER-0001.2501.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
logo
Cherry Semiconductor Co...
0001.2501.PT CHERRY-0001.2501.PT Datasheet
438Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
logo
Schurter Inc.
20200001 SCHURTER-20200001 Datasheet
306Kb / 2P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, H, 250 VAC
00343101 SCHURTER-00343101 Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20 Datasheet
333Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20_V02 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
00343761 SCHURTER-00343761 Datasheet
259Kb / 2P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com