Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVP35-12 Datasheet(PDF) 1 Page - B. B. Battery Co., Ltd.

Part # EVP35-12
Description  Valve Regulated Lead-Acid Rechargeable Battery
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BB-BATTERY [B. B. Battery Co., Ltd.]
Direct Link  http://www.bb-battery.com
Logo BB-BATTERY - B. B. Battery Co., Ltd.

EVP35-12 Datasheet(HTML) 1 Page - B. B. Battery Co., Ltd.

  EVP35-12 Datasheet HTML 1Page - B. B. Battery Co., Ltd. EVP35-12 Datasheet HTML 2Page - B. B. Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PERFORMANCE SPECIFICATIONS
Nominal Voltage(V)........................................................................................................................................12 volts(6cells in series)
Nominal Capacity(AH)
20 Hour rate F.V.(1.75V/cell) (1.75A to 10.50volts) ......................................................................................................35.0A.H.
5 Hour rate F.V.(1.75V/cell) (5.95A to 10.50volts) .......................................................................................................29.8A.H.
30 Min rate F.V.(1.30V/cell) (43.75A to 7.80volts)..........................................................................................................21.9A.H.
Approximate Weight............................................................................................................................................ 12.50kg(27.571lbs.)
Terminal
Standard................................................................................................................................................................................Type B7
Internal Resistance (Fully Charged Battery).............................................................................................................................<6m
Maximum Discharge Current For 5 sec.(A)...............................................................................................................................525A
Maximum Charge Current(A)......................................................................................................................................................10.5A
Ambient Temperature
oo
o
o
Charge..........................................................................................................................................................0 C(32 F)~40 C(104 F)
oo
o
o
Discharge...................................................................................................................................................-20 C(-4 F)~50 C(122 F)
oo
o
o
Storage.......................................................................................................................................................-20 C(-4 F)~40 C(104 F)
Vibration test:
Frequency: 16.7HZ
Amplitude: 4mm
Vibrate the battery horizontally or vertically for 60 minutes. The battery have no abnormality.
Case.................................................................................................................................................................................................ABS
Dimension(mm/inch)
Length
1.5mm...................................................................................................................................................210/8.27
Width
1.5mm...................................................................................................................................................129/5.08
Container Height 1.5mm...................................................................................................................................................168/6.61
Total Height
2mm......................................................................................................................................................179/7.05
Application......................................................................Wheelchairs, Lawn Mowers, Electronic Medical Equipment, Golf-Carts.
EVP35-12
The battery is constructed by plates,
separators, safety valves and container.
Since the electrolyte is held by a glass-
mat separator and plates, the battery
can be used in any direction and position
without leakage.
Valve Regulated Lead-Acid Rechargeable Battery
Optional..............................................................................................................................................................Type I2


Similar Part No. - EVP35-12

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
EVP35-12-F-TYPE BB-BATTERY-EVP35-12-F-TYPE Datasheet
178Kb / 1P
   VRLA Rechargeable Battery
EVP35-12-H-TYPE BB-BATTERY-EVP35-12-H-TYPE Datasheet
197Kb / 1P
   VRLA Rechargeable Battery
EVP35-12-S-TYPE BB-BATTERY-EVP35-12-S-TYPE Datasheet
165Kb / 1P
   VRLA Rechargeable Battery
More results

Similar Description - EVP35-12

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BPL33-12 BB-BATTERY-BPL33-12 Datasheet
452Kb / 2P
   Valve Regulated Lead-Acid Rechargeable Battery
BP18-12 BB-BATTERY-BP18-12 Datasheet
376Kb / 2P
   Valve Regulated Lead-Acid Rechargeable Battery
MPL55-12 BB-BATTERY-MPL55-12 Datasheet
904Kb / 2P
   Valve Regulated Lead-Acid Rechargeable Battery
HR40-12 BB-BATTERY-HR40-12 Datasheet
489Kb / 2P
   Valve Regulated Lead-Acid Rechargeable Battery
logo
Panasonic Battery Group
UP-PW1245P1 PANASONICBATTERY-UP-PW1245P1 Datasheet
553Kb / 18P
   SPECIFICATIONS FOR THE RECHARGEABLE VALVE REGULATED LEAD-ACID BATTERY
logo
CSB Battery Co., Ltd.
MU1000S CSB-BATTERY-MU1000S_17 Datasheet
382Kb / 1P
   Valve Regulated Lead Acid Battery
TPL121250A CSB-BATTERY-TPL121250A_17 Datasheet
381Kb / 1P
   Valve Regulated Lead Acid Battery
EVX12650 CSB-BATTERY-EVX12650_17 Datasheet
379Kb / 1P
   Valve Regulated Lead Acid Battery
GP672 CSB-BATTERY-GP672_17 Datasheet
425Kb / 1P
   Valve Regulated Lead Acid Battery
GP6120 CSB-BATTERY-GP6120_17 Datasheet
388Kb / 1P
   Valve Regulated Lead Acid Battery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com