Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T9-311P-14A Datasheet(PDF) 3 Page - Schurter Inc.

Part # T9-311P-14A
Description  Resettable Thermal Circuit Breaker
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

T9-311P-14A Datasheet(HTML) 3 Page - Schurter Inc.

  T9-311P-14A Datasheet HTML 1Page - Schurter Inc. T9-311P-14A Datasheet HTML 2Page - Schurter Inc. T9-311P-14A Datasheet HTML 3Page - Schurter Inc. T9-311P-14A Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
oRDeR CoDe
Basic type
T9
single pole, thermal overload switch, cycling trip-free
Mounting style
3
Threaded neck type (including one hexagonal nut)
6
Snap-in type from front side (0.8…2.0 mm)
7
Snap-in type from rear side (0.5…3.0 mm)
Actuation type
1
Reset Type (R-type)
Terminal type
1
6.3 x0.8 mm quick connect terminals IEC 61210
Front printing
C
rated current not marked on front (T9-311 and T9-711)
P
rated current printed on front (T9-611 only)
Rated current
4A
10 A
5A
12 A
6A
14 A
7A
15 A
8A
16 A
T9 -6
11
P-10A
Accessories
Protection cover TZZ31 for IP 65 for type T9-311:
Hexagonal nut TZZ12:
13.6
Order number
Type description
4404.0039
TZZ31
Protection cover forIP65
4400.0420
TZZ11
Knurled nut nickel-plated
4400.0559
TZZ11-414
Knurled nut black
4400.0425
TZZ12
Additional hexagonal nut nickel-plated
3/8" -27UNS
2.5
circuit breakers
4
circuit breakers


Similar Part No. - T9-311P-14A

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T9-311 SCHURTER-T9-311 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-311 SCHURTER-T9-311 Datasheet
336Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-311 SCHURTER-T9-311_18 Datasheet
336Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
More results

Similar Description - T9-311P-14A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
102774 PHOENIX-102774 Datasheet
197Kb / 3P
   Thermal Circuit Breaker
11/2006
logo
Schurter Inc.
TA35-EFCTF005 SCHURTER-TA35-EFCTF005 Datasheet
3Mb / 6P
   Thermal Circuit Breaker
logo
PHOENIX CONTACT
100212 PHOENIX-100212 Datasheet
175Kb / 3P
   Thermal Circuit Breaker
11/2006
logo
List of Unclassifed Man...
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
   Thermal Overcurrent Circuit Breaker
logo
Schneider Electric
HGL36070AB SCHNEIDER-HGL36070AB Datasheet
140Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
HJA260503 SCHNEIDER-HJA260503 Datasheet
119Kb / 2P
   Circuit breaker, PowerPacT H, thermal magnetic, Circuit breaker, PowerPacT H, thermal magnetic, 80% rated
logo
PHOENIX CONTACT
0712107 PHOENIX-0712107 Datasheet
243Kb / 9P
   Thermal device circuit breaker - TCP 0.1A
15.05.2012
logo
ETAL Group
1115-F111-P1T1 ETAL-1115-F111-P1T1 Datasheet
168Kb / 2P
   Single pole thermal reset circuit breaker
1410-L210-L2F1-S02-5A ETAL-1410-L210-L2F1-S02-5A Datasheet
96Kb / 2P
   Thermal Overcurrent Circuit Breaker 1410-L/-G
logo
PHOENIX CONTACT
0700040 PHOENIX-0700040 Datasheet
410Kb / 4P
   Thermal device circuit breaker - TCP 40/DC32V
12/09/2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com