Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T9-311P-14A Datasheet(PDF) 2 Page - Schurter Inc.

Part # T9-311P-14A
Description  Resettable Thermal Circuit Breaker
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

T9-311P-14A Datasheet(HTML) 2 Page - Schurter Inc.

  T9-311P-14A Datasheet HTML 1Page - Schurter Inc. T9-311P-14A Datasheet HTML 2Page - Schurter Inc. T9-311P-14A Datasheet HTML 3Page - Schurter Inc. T9-311P-14A Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TRiPPing ChARACTeRiSTiCS
23
45
16
78
10
[min]
[sec]
Multiple of Rated Current
[xIn]
10'000
1'000
100
1
0.1
10
30
20
10
5
3
1
60
T9
Rated Current
Reference Temperature +23˚C
5A-16 A(TC-1)
Type
4A
(TC-2)
effect of ambient temperature
The units arecalibrated for an ambient temperatureof+23°C.
To determine the rated current for alower or higher ambient
temperature, use acorrection factor from the table below:
Ambient temperature(°C)
Correction factor
-5
0,85
+10
0,95
+23
1,00
+40
1,08
+60
1,21
example
Rated current at +23°C
10,0 A
Ambient temperature+60°C
Correction factor
1,21
Chosen rated current at +60°C
ambient temperature10,0 Ax1,21 =12,1 A
APPRovAlS
Rated currents
Rated voltage AC
Rated voltage DC
UL
UL 1077
4–12 A240 V48V
>12–16 A240 V32V
UL
CSA C22.2 235
4–12 A240 V48V
>12–16 A240 V32V
VDE
IEC 60934
4–12 A240 V48V
>12–16 A240 V32V
CQC
GB 17701
4–16 A240 V
23
T9
www.schurter.com/pg17_18_19
circuit breakers
circuit breakers


Similar Part No. - T9-311P-14A

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T9-311 SCHURTER-T9-311 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-311 SCHURTER-T9-311 Datasheet
336Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-311 SCHURTER-T9-311_18 Datasheet
336Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
More results

Similar Description - T9-311P-14A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
102774 PHOENIX-102774 Datasheet
197Kb / 3P
   Thermal Circuit Breaker
11/2006
logo
Schurter Inc.
TA35-EFCTF005 SCHURTER-TA35-EFCTF005 Datasheet
3Mb / 6P
   Thermal Circuit Breaker
logo
PHOENIX CONTACT
100212 PHOENIX-100212 Datasheet
175Kb / 3P
   Thermal Circuit Breaker
11/2006
logo
List of Unclassifed Man...
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
   Thermal Overcurrent Circuit Breaker
logo
Schneider Electric
HGL36070AB SCHNEIDER-HGL36070AB Datasheet
140Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
HJA260503 SCHNEIDER-HJA260503 Datasheet
119Kb / 2P
   Circuit breaker, PowerPacT H, thermal magnetic, Circuit breaker, PowerPacT H, thermal magnetic, 80% rated
logo
PHOENIX CONTACT
0712107 PHOENIX-0712107 Datasheet
243Kb / 9P
   Thermal device circuit breaker - TCP 0.1A
15.05.2012
logo
ETAL Group
1115-F111-P1T1 ETAL-1115-F111-P1T1 Datasheet
168Kb / 2P
   Single pole thermal reset circuit breaker
1410-L210-L2F1-S02-5A ETAL-1410-L210-L2F1-S02-5A Datasheet
96Kb / 2P
   Thermal Overcurrent Circuit Breaker 1410-L/-G
logo
PHOENIX CONTACT
0700040 PHOENIX-0700040 Datasheet
410Kb / 4P
   Thermal device circuit breaker - TCP 40/DC32V
12/09/2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com