Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCLAMP0504FATCT Datasheet(PDF) 4 Page - Semtech Corporation

Part # RCLAMP0504FATCT
Description  RailClamp짰Low Capacitance TVS Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0504FATCT Datasheet(HTML) 4 Page - Semtech Corporation

  RCLAMP0504FATCT Datasheet HTML 1Page - Semtech Corporation RCLAMP0504FATCT Datasheet HTML 2Page - Semtech Corporation RCLAMP0504FATCT Datasheet HTML 3Page - Semtech Corporation RCLAMP0504FATCT Datasheet HTML 4Page - Semtech Corporation RCLAMP0504FATCT Datasheet HTML 5Page - Semtech Corporation RCLAMP0504FATCT Datasheet HTML 6Page - Semtech Corporation RCLAMP0504FATCT Datasheet HTML 7Page - Semtech Corporation RCLAMP0504FATCT Datasheet HTML 8Page - Semtech Corporation RCLAMP0504FATCT Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
© 2010 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
RClamp0504FA
Typical Characteristics
Insertion Loss S21 (I/O to Pin 2)
Insertion Loss S21 (I/O to I/O)
Analog Crosstalk
ESD Response (8kV Contact per IEC 61000-4-2)
START. 030 MHz
3
STOP
000.000000 MHz
CH1 S21
LOG
6 dB / REF 0 dB
START. 030 MHz
3
STOP
000.000000 MHz
CH1 S21
LOG
6 dB / REF 0 dB
START. 030 MHz
3
STOP
000.000000 MHz
CH1 S21
LOG
20 dB/REF 0 dB
Note: Data is taken with a 10x attenuator


Similar Part No. - RCLAMP0504FATCT

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
RCLAMP0504FATCT TECHPUBLIC-RCLAMP0504FATCT Datasheet
1Mb / 4P
   Low Capactiance 4-Line TVS Array
More results

Similar Description - RCLAMP0504FATCT

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
SEBLCXX BWTECH-SEBLCXX Datasheet
401Kb / 4P
   Ultraslow Capacitance TVS Array
SEBLC BWTECH-SEBLC Datasheet
401Kb / 4P
   Ultraslow Capacitance TVS Array
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
SM20M05-18 PROTEC-SM20M05-18_05 Datasheet
108Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM20MT05C PROTEC-SM20MT05C_05 Datasheet
112Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com