Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCLAMP0504FATCT Datasheet(PDF) 1 Page - Semtech Corporation

Part # RCLAMP0504FATCT
Description  RailClamp짰Low Capacitance TVS Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0504FATCT Datasheet(HTML) 1 Page - Semtech Corporation

  RCLAMP0504FATCT Datasheet HTML 1Page - Semtech Corporation RCLAMP0504FATCT Datasheet HTML 2Page - Semtech Corporation RCLAMP0504FATCT Datasheet HTML 3Page - Semtech Corporation RCLAMP0504FATCT Datasheet HTML 4Page - Semtech Corporation RCLAMP0504FATCT Datasheet HTML 5Page - Semtech Corporation RCLAMP0504FATCT Datasheet HTML 6Page - Semtech Corporation RCLAMP0504FATCT Datasheet HTML 7Page - Semtech Corporation RCLAMP0504FATCT Datasheet HTML 8Page - Semtech Corporation RCLAMP0504FATCT Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
www.semtech.com
RClamp0504FA
RailClamp®®®®®
Low Capacitance TVS Array
PROTECTION PRODUCTS - RailClamp®
®
®
®
®
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 4/15/2010
RailClamp® low capacitance TVS array designed to
protect high speed data interfaces. This series has
been specifically designed to protect sensitive compo-
nents which are connected to data and transmission
lines from overvoltage caused by ESD (electrostatic
discharge), CDE (Cable Discharge Events), and EFT
(electrical fast transients).
The unique design incorporates surge rated, low
capacitance steering diodes and a TVS diode in a
single package. This allows the device to absorb large
amounts of energy while protecting downstream
components from harmful transient events.
The RClamp®0504FA is in a 6-pin, SC-70 package. The
leads are finished with lead-free matte tin. They may
be used to meet the ESD immunity requirements of
IEC 61000-4-2, Level 4 (15kV air, 8kV contact dis-
charge). The combination of small size, low capaci-
tance, and high ESD surge capability makes them ideal
for use in applications such as USB 2.0, multimedia
card, and video interfaces.
Applications
Mechanical Characteristics
USB 2.0
USB OTG
Monitors and Flat Panel Displays
Digital Visual Interface (DVI)
SIM Ports
IEEE 1394 Firewire Ports
Transient protection for high-speed data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Array of surge rated diodes with internal TVS Diode
Small package (2.4 x 2.2mm) saves board space
Protects up to four I/O lines & power line
Low capacitance (<3pF) for high-speed interfaces
No insertion loss to 2.0GHz
2.0GHz
2.0GHz
2.0GHz
2.0GHz
Low leakage current and clamping voltage
Low operating voltage: 5.0V
Solid-state silicon-avalanche technology
EIAJ SC-70 6L package
Lead Finish: Matte Tin
Pb-Free, Halogen Free, RoHS/WEEE Compliant
Molding compound flammability rating: UL 94V-0
Packaging : Tape and Reel
SC-70 6L (Top View)
2
1
34
5
6
5
13
4
6
2


Similar Part No. - RCLAMP0504FATCT

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
RCLAMP0504FATCT TECHPUBLIC-RCLAMP0504FATCT Datasheet
1Mb / 4P
   Low Capactiance 4-Line TVS Array
More results

Similar Description - RCLAMP0504FATCT

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
SEBLCXX BWTECH-SEBLCXX Datasheet
401Kb / 4P
   Ultraslow Capacitance TVS Array
SEBLC BWTECH-SEBLC Datasheet
401Kb / 4P
   Ultraslow Capacitance TVS Array
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
SM20M05-18 PROTEC-SM20M05-18_05 Datasheet
108Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM20MT05C PROTEC-SM20MT05C_05 Datasheet
112Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com