Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCLAMP1654P Datasheet(PDF) 1 Page - Semtech Corporation

Part # RCLAMP1654P
Description  RailClamp짰 Low Capacitance TVS Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP1654P Datasheet(HTML) 1 Page - Semtech Corporation

  RCLAMP1654P Datasheet HTML 1Page - Semtech Corporation RCLAMP1654P Datasheet HTML 2Page - Semtech Corporation RCLAMP1654P Datasheet HTML 3Page - Semtech Corporation RCLAMP1654P Datasheet HTML 4Page - Semtech Corporation RCLAMP1654P Datasheet HTML 5Page - Semtech Corporation RCLAMP1654P Datasheet HTML 6Page - Semtech Corporation RCLAMP1654P Datasheet HTML 7Page - Semtech Corporation RCLAMP1654P Datasheet HTML 8Page - Semtech Corporation RCLAMP1654P Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.semtech.com
RClamp1654P
RailClamp®®®®®
Low Capacitance TVS Array
PROTECTION PRODUCTS - RailClamp®
®
®
®
®
Description
Features
Circuit Diagram
PIN Configuration
Revision 11/07/2008
RailClamp® is a low capacitance TVS array designed to
protect high speed data interfaces. This series has
been specifically designed to protect sensitive compo-
nents which are connected to data and transmission
lines from overvoltage caused by ESD (electrostatic
discharge), CDE (Cable Discharge Events), and EFT
(electrical fast transients).
The RClamp1654P is specifically designed to protect
portable devices that utilize the USB port for battery
charging. The unique design of this device features low
capacitance TVS diodes for protection of the USB data
(DP, DM) and USB ID (accessory detect) pins operating
up to 5 volts. Loading capacitance on these lines is
<1pF for maximum signal integrity. An integrated 12
volt TVS diode is used for protection of the USB
voltage bus. This ensures the device will remain in a
high-impedance state during normal USB operation or
when the battery is being charged. Leakage current of
the VBus protection is <50nA when operating at 12
volts.
The RClamp1654P is in a 6-pin, RoHS compliant,
SLP1616P6 package. It measures 1.6 x 1.6 x
0.60mm. The leads are spaced at a pitch of 0.5mm
and are finished with lead-free NiPdAu. They may be
used to meet the ESD immunity requirements of IEC
61000-4-2, Level 4 (15kV air, 8kV contact discharge).
Applications
Mechanical Characteristics
USB 2.0
USB OTG
Transient protection for high-speed data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Array of surge rated diodes with internal TVS Diode
Small package (1.6 x 1.6mm) saves board space
Protects USB DP, DM, and ID Pin operating up to
5.5V
Protects USB VBus operating up to 12V
Low capacitance (<1pF) on DP, DM, and ID Pins
Minimal insertion loss to 2.0GHz
2.0GHz
2.0GHz
2.0GHz
2.0GHz
Low leakage current
Low clamping voltage
Large ground pad for increased ESD performance
Solid-state silicon-avalanche technology
SLP1616P6 6L package
RoHS/WEEE Compliant
Nominal Dimensions: 1.6 x 1.6 x 0.60 mm
Lead Finish: NiPdAu
Molding compound flammability rating: UL 94V-0
Marking : Marking code + two character date code
Packaging : Tape and Reel
SLP1616P6 (Top View)
1
Gnd
2
3
6
5
4
USB ID
DM
DP
NC
VBus
NC
12
3
GND
6
5.5V
12V


Similar Part No. - RCLAMP1654P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP1624T SEMTECH-RCLAMP1624T Datasheet
148Kb / 10P
   ESD Protection for uUSB Interfaces Protects USB DP, DM, and ID Pins to 5V
RCLAMP1644T SEMTECH-RCLAMP1644T Datasheet
262Kb / 9P
   Low Capacitance RClamp짰 ESD Protection for uUSB Interfaces
RClamp1644T.TNT SEMTECH-RClamp1644T.TNT Datasheet
262Kb / 9P
   Low Capacitance RClamp짰 ESD Protection for uUSB Interfaces
More results

Similar Description - RCLAMP1654P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0502A SEMTECH-RCLAMP0502A Datasheet
141Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0504F SEMTECH-RCLAMP0504F Datasheet
182Kb / 9P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0854P SEMTECH-RCLAMP0854P Datasheet
170Kb / 10P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0504S SEMTECH-RCLAMP0504S Datasheet
211Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP3654P SEMTECH-RCLAMP3654P Datasheet
205Kb / 10P
   RailClamp짰 Low Capacitance TVS Array
SRDA3.3-4 SEMTECH-SRDA3.3-4 Datasheet
179Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0504P SEMTECH-RCLAMP0504P Datasheet
211Kb / 9P
   RailClamp짰 Low Capacitance TVS Array
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com