Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA45 Datasheet(PDF) 8 Page - Schurter Inc.

Part # TA45
Description  CIRCUIT BREAKERS FOR EQUIPMENT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45 Datasheet(HTML) 8 Page - Schurter Inc.

Back Button TA45 Datasheet HTML 4Page - Schurter Inc. TA45 Datasheet HTML 5Page - Schurter Inc. TA45 Datasheet HTML 6Page - Schurter Inc. TA45 Datasheet HTML 7Page - Schurter Inc. TA45 Datasheet HTML 8Page - Schurter Inc. TA45 Datasheet HTML 9Page - Schurter Inc. TA45 Datasheet HTML 10Page - Schurter Inc. TA45 Datasheet HTML 11Page - Schurter Inc. TA45 Datasheet HTML 12Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.schurter.com
77
CIRCUIT BREAKERS FOR EQUIPMENT, 2 POLE, PUSH BUTTON
GERÄTESCHUTZSCHALTER, 2POLIG, DRUCKTASTENBETÄTIGT
TA45
Snap-in type and quick connect terminals / Schnappbefestigung und Flachsteckanschlüsse
Basic type / Grundtyp
Undervoltage release, remote trip release / Unterspannungsauslösung, Fernauslösung
Mechanical lock-out latch / Mechanische Schaltsperre
5.5
2
5.3
59
50
22
26.7
8.4
23.7
44.1
a
P1
3
5
59
50
23.7
44.1
a
P1
3
5
3
10.8
19.5
17.5
Quick connect terminal
Flachstecker
IEC 61210 A6,3–0,8
34
25
10.8
34
25
21.5
Quick connect terminal / Flachstecker
IEC 61210 A6,3–0,8
8.4
5.3
59
50
26.7
23.7
44.1
a
P1
3
5
34
25
15.5
21
Quick connect terminal
Flachstecker
IEC 61210 A6,3–0,8
Quick connect terminal / Flachstecker
IEC 61210 A2,8–0,8
5.3
22.8
26.7
8.4
1.5
6.3
* max. Schalthub


Similar Part No. - TA45

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45 SCHURTER-TA45 Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
TA45 SCHURTER-TA45 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2P SCHURTER-TA45-2P Datasheet
553Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation
TA45-2PA SCHURTER-TA45-2PA Datasheet
562Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation, with auxiliary contact
TA45-2PAU SCHURTER-TA45-2PAU Datasheet
696Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation, with auxiliary contact, with undervol-tage
More results

Similar Description - TA45

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TS-710 SCHURTER-TS-710 Datasheet
56Kb / 4P
   CIRCUIT BREAKERS FOR EQUIPMENT
TM12 SCHURTER-TM12 Datasheet
174Kb / 7P
   CIRCUIT BREAKERS FOR EQUIPMENT
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
NTE Electronics
R59 NTE-R59 Datasheet
494Kb / 1P
   Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
PHOENIX CONTACT
103943 PHOENIX-103943 Datasheet
157Kb / 5P
   Thermomagnetic circuit breakers
2010-08-18
logo
Cooper Bussmann, Inc.
UCB-20 COOPER-UCB-20 Datasheet
269Kb / 5P
   Automotive Circuit Breakers
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com