Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC120SKTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC120SKTRT
Description  Low Voltage Synchronous Boost Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120SKTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC120SKTRT Datasheet HTML 5Page - Semtech Corporation SC120SKTRT Datasheet HTML 6Page - Semtech Corporation SC120SKTRT Datasheet HTML 7Page - Semtech Corporation SC120SKTRT Datasheet HTML 8Page - Semtech Corporation SC120SKTRT Datasheet HTML 9Page - Semtech Corporation SC120SKTRT Datasheet HTML 10Page - Semtech Corporation SC120SKTRT Datasheet HTML 11Page - Semtech Corporation SC120SKTRT Datasheet HTML 12Page - Semtech Corporation SC120SKTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
SC120
9
0.1
0.2
0.5
1
2
5
10
20
50
100
200
0
10
20
30
40
50
60
70
80
90
100
I
OUT
(mA)
R
1
= 931kΩ, R
2
= 402kΩ, L = 4.7μH, C
FB
= 2.2pF, T
A
= 25
ο
C
Typical Characteristics — V
OUT = 4.0V
0.1
0.2
0.5
1
2
5
10
20
50
100
200
0
10
20
30
40
50
60
70
80
90
100
I
OUT
(mA)
R
1
= 931kΩ, R
2
= 402kΩ, L = 4.7μH, C
FB
= 2.2pF, V
IN
= 2.4V
V
IN
= 2.4V
V
IN
= 1.2V
V
IN
= 3.2V
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
0
50
100
150
200
250
300
350
400
3.85
3.9
3.95
4
4.05
4.1
I
OUT
(mA)
R
1
= 931kΩ, R
2
= 402kΩ, L = 4.7μH, C
FB
= 2.2pF, T
A
= 25
ο
C
0
50
100
150
200
250
300
350
400
3.85
3.9
3.95
4
4.05
4.1
I
OUT
(mA)
R
1
= 931kΩ, R
2
= 402kΩ, L = 4.7μH, C
FB
= 2.2pF, V
IN
= 2.4V
V
IN
= 3.2V
V
IN
= 2.4V
V
IN
= 1.2V
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
T
A
= –40°C
T
A
= 85°C
T
A
= 25°C
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
3.85
3.9
3.95
4
4.05
4.1
V
IN
(V)
R
1
= 931kΩ, R
2
= 402kΩ, L = 4.7μH, C
FB
= 2.2pF, I
OUT
= 5mA
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
3.85
3.9
3.95
4
4.05
4.1
V
IN
(V)
R
1
= 931kΩ, R
2
= 402kΩ, L = 4.7μH, C
FB
= 2.2pF, I
OUT
= 75mA
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
Efficiency vs. I
OUT (VOUT = 4.0V)
Efficiency vs. I
OUT (VOUT = 4.0V)
Load Regulation (V
OUT = 4.0V)
Load Regulation (V
OUT = 4.0V)
Line Regulation — PSAVE Mode (V
OUT = 4.0V)
Line Regulation — PWM Mode (V
OUT = 4.0V)


Similar Part No. - SC120SKTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
logo
GardTec, Inc.
SC120-P10 GARDTEC-SC120-P10 Datasheet
26Kb / 1P
   Thru-hole Plastic
SC120-P50 GARDTEC-SC120-P50 Datasheet
92Kb / 1P
   PLASTIC FAN GARD
SC120-P51 GARDTEC-SC120-P51 Datasheet
104Kb / 1P
   PLASTIC FAN GARD
SC120-P70 GARDTEC-SC120-P70 Datasheet
923Kb / 1P
   PLASTIC FAN GARD
More results

Similar Description - SC120SKTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC121 SEMTECH-SC121 Datasheet
335Kb / 23P
   Low Voltage Synchronous Boost Regulator
logo
Richtek Technology Corp...
RT4805B RICHTEK-RT4805B Datasheet
1Mb / 23P
   Synchronous Boost Regulator
logo
Micro Linear Corporatio...
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
   Low Voltage Boost Regulator
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Linear Technology
LT8390EUFD LINER-LT8390EUFD Datasheet
790Kb / 10P
   60V Low EMI Synchronous 4-Switch Buck-Boost Voltage Regulator
logo
Micro Linear Corporatio...
ML4851 MICRO-LINEAR-ML4851 Datasheet
286Kb / 9P
   Low Current, Voltage Boost Regulator
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Micro Linear Corporatio...
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
   Adjustable Output Low Voltage Boost Regulator
ML4875 MICRO-LINEAR-ML4875 Datasheet
196Kb / 10P
   Low Voltage Boost Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com