Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3414.0114.xx Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3414.0114.xx
Description  Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3414.0114.xx Datasheet(HTML) 2 Page - Schurter Inc.

  3414.0114.xx Datasheet HTML 1Page - Schurter Inc. 3414.0114.xx Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
USF 0402
www.schurter.com/pg0_2
Fuses
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VDC]
Marking Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Cold Resi-
stance typ.
[m
Ω]
Melting I²t 8.0
In typ. [A²s]
Order Number
0.375
32
E
1)
90
70
173
0.003
l
l
3414.0112.xx
0.5
32
F
1)
90
67
124
0.004
l
l
3414.0113.xx
0.75
32
G
1)
90
63
78
0.009
l
l
3414.0114.xx
1
32
H
1)
90
63
57
0.016
l
l
3414.0115.xx
1.5
32
K
1)
90
62
37
0.029
l
l
3414.0117.xx
2
32
N
1)
90
58
26
0.044
l
l
3414.0119.xx
2.5
32
O
1)
90
59
21
0.06
l
l
3414.0120.xx
3
32
P
1)
90
52
17
0.098
l
l
3414.0121.xx
4
32
S
1)
90
60
13
0.113
l
l
3414.0123.xx
5
24
T
2)
90
52
10
0.288
l
l
3414.0124.xx
1)35A@32VDC
2)35A@24VDC
Packaging Unit
.xx=.11BlisterTape(100pcs.)
.xx=.22BlisterTape18cmReel(1000pcs.)
.xx=.24BlisterTape18cmReel(5000pcs.)
.xx=.26BlisterTape33cmReel(15000pcs.)
Time-Current-Curves
0.1
0.0001
0.001
0.01
1
10
100
1000
10000
0.1
10
1
100
375 mA
500 mA
750 mA
1 A
1.5 A
2 A
2.5 A
3 A
4 A
5 A
Current in Amperes
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 3414.0114.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3414.0114.XX SCHURTER-3414.0114.XX Datasheet
335Kb / 2P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
More results

Similar Description - 3414.0114.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USF0402 SCHURTER-USF0402_18 Datasheet
869Kb / 3P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
USF0402 SCHURTER-USF0402 Datasheet
261Kb / 3P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
3414.0112.XX SCHURTER-3414.0112.XX_12 Datasheet
335Kb / 2P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
USF0603 SCHURTER-USF0603 Datasheet
450Kb / 2P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 32 VDC
USF1206 SCHURTER-USF1206_18 Datasheet
294Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206_16 Datasheet
260Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF0603 SCHURTER-USF0603_18 Datasheet
292Kb / 4P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF0603 SCHURTER-USF0603_V02 Datasheet
333Kb / 4P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
04.01.2022
USF0603 SCHURTER-USF0603_16 Datasheet
256Kb / 3P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206 Datasheet
436Kb / 2P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com