Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEE0GA330SR Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEE0GA330SR
Description  Surface Mount Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE0GA330SR Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEE0GA330SR Datasheet HTML 1Page - Panasonic Semiconductor EEE0GA330SR Datasheet HTML 2Page - Panasonic Semiconductor EEE0GA330SR Datasheet HTML 3Page - Panasonic Semiconductor EEE0GA330SR Datasheet HTML 4Page - Panasonic Semiconductor EEE0GA330SR Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ S
Negative polarity marking (–)
(No marking for the bi-polar)
33
4S
Capacitance (
µF)
Rated voltage Mark (V.DC)
(6=6.3 V.DC)
Series identification
(A size=Lot number)
Mark for Lead-Free
Products
Black Dot (Square)
Lot number
(No marking=A size)
0.3 max.
A
±0.2
W
( )reference size
✽L±0.3
L
+0.1
–0.2
+
Features
● Endurance: 85 °C 2000 h
● Vibration-proof product is available upon request.(φ8 <)
● RoHS directive compliant
Surface Mount Type
Series:
S
Type:
V
Specifications
Dimensions in mm (not to scale)
Marking
Example:4V 33 µF (Polarized)
Marking color: BLACK
Size
code
DL
A,B
H max.
I
W
P
K
A3.0
5.4
3.3
4.5
1.5
0.55
0.6
0.35–0.20 to +0.15
B4.0
5.4
4.3
5.5
1.8
0.65±0.1
1.0
0.35–0.20 to +0.15
C5.0
5.4
5.3
6.5
2.2
0.65±0.1
1.5
0.35–0.20 to +0.15
D6.3
5.4
6.6
7.82.6
0.65±0.1
1.8
0.35–0.20 to +0.15
D8
6.3
7.7
6.6
7.8
2.6
0.65±0.1
1.8
0.35–0.20 to +0.15
E
8.0
6.2
8.3
9.5
3.4
0.65±0.1
2.2
0.35–0.20 to +0.15
F
8.0 10.2
8.3
10.0
3.4
0.90±0.2
3.1
0.70±0.20
G
10.0 10.2 10.3
12.0
3.5
0.90±0.2
4.6
0.70±0.20
(mm)
Category Temp. Range–40 °C to +85 °C
Rated W.V. Range
4 V.DC to 100 V.DC
Nominal Cap. Range
0.1 µF to 1500 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (µA) (Bi-Polar I < 0.02 CV or 6 (µA) After 2 minutes (Whichever is greater)
tan
δ
Please see the attached standard products list
Characteristics
at Low Temperature
W.V. (V)
4
6.3
10
16
25
35
50
63
100
(Impedance ratio at 120 Hz)
Z(–25 °C)/Z(+20 °C)
743222233
Z(–40 °C)/Z(+20 °C)
15
86443344
Endurance
After applying rated working voltage for 2000 hours (Bi-polar:1000 hours for each polarity) at +85 °C
±2 °C and then being stabilized at +20 °C, Capacitors shall meet the following limits.
Capacitance change
±20 % of inisial measured value
Size code
Rated W.V.
Cap. change
A(
φ3)
4 W.V to 50 W.V
1000 hours ±30 %
B(
φ4) to D, D8(φ6.3)
4 W.V
< D(φ6.3) Miniature
6.3 W.V
> 10 W.V
1000 hours ±20 %
tan
δ
< 200 % initial specified value
DC leakege current
< initial specified value
Shelf Life
After storage for 1000 hours at +85 °C±2 °C with no voltage applied and then being stabilized at +20 °C,
capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Resistance to
Soldering Heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change
±10 % of initial measured value
tan
δ
< initial specified value
DC leakage current
< initial specified value
Jul. 2008


Similar Part No. - EEE0GA330SR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE0GA330SR PANASONIC-EEE0GA330SR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0GA330SR PANASONIC-EEE0GA330SR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0GA330SR PANASONIC-EEE0GA330SR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0GA330SR PANASONIC-EEE0GA330SR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0GA330SR PANASONIC-EEE0GA330SR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors S
More results

Similar Description - EEE0GA330SR

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com