Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3404.2419.xx Datasheet(PDF) 3 Page - Schurter Inc.

Part # 3404.2419.xx
Description  Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3404.2419.xx Datasheet(HTML) 3 Page - Schurter Inc.

  3404.2419.xx Datasheet HTML 1Page - Schurter Inc. 3404.2419.xx Datasheet HTML 2Page - Schurter Inc. 3404.2419.xx Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

Non resettable fuses
UMZ 250
www.schurter.com/pg0_2
Fuses
Time-Current-Curves
0.1
0.0001
0.001
0.01
1
10
100
1000
10000
0.1
10
1
100
315 mA
400 mA
500 mA
630 mA
800 mA
1.0 A
1.25 A
1.6 A
2.0 A
2.5 A
3.15 A
4.0 A
Current in Amperes
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 3404.2419.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3404.2419.11 SCHURTER-3404.2419.11 Datasheet
296Kb / 3P
   Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
3404.2419.22 SCHURTER-3404.2419.22 Datasheet
296Kb / 3P
   Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
More results

Similar Description - 3404.2419.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UMZ250 SCHURTER-UMZ250_18 Datasheet
329Kb / 4P
   Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
UMZ250 SCHURTER-UMZ250 Datasheet
296Kb / 3P
   Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
UMZ250 SCHURTER-UMZ250_V02 Datasheet
340Kb / 4P
   Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
04.01.2022
FUSEKITUMT250 SCHURTER-FUSEKITUMT250 Datasheet
229Kb / 2P
   Fuse Kit Surface Mount Fuse UMT 250 / UMZ 250
04.01.2022
UMK250 SCHURTER-UMK250_V02 Datasheet
347Kb / 4P
   Surface Mount Fuse with Clip, 4.2 x 11.3 mm, Quick-Acting F, UMK 250 = UMF 250 (Au) UMC 250
04.01.2022
UMK250 SCHURTER-UMK250_16 Datasheet
303Kb / 3P
   Surface Mount Fuse with Clip, 4.2 x 11.3 mm, Quick-Acting F, UMK 250 = UMF 250 (Au) UMC 250
OMT SCHURTER-OMT Datasheet
426Kb / 2P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC
SMD-SPT SCHURTER-SMD-SPT Datasheet
439Kb / 3P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating
SMD-FST SCHURTER-SMD-FST Datasheet
438Kb / 3P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
SMD-SPT SCHURTER-SMD-SPT_18 Datasheet
297Kb / 4P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com