Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEEHB0G221P Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEEHB0G221P
Description  Surface Mount Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHB0G221P Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEEHB0G221P Datasheet HTML 1Page - Panasonic Semiconductor EEEHB0G221P Datasheet HTML 2Page - Panasonic Semiconductor EEEHB0G221P Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HB
– EE44 –
47
Capacitance (
µF)
Rated Voltage Mark
Series identification
(HP : Bi-polar)
(BS : 5.5 mm max.)
Mark for Lead-Free
Products
Black Dot (Square)
Lot number
Negative polarity
marking (–)
(No marking for
the bi-polar)
gHB
0.3 max.
A
±0.2
W
()reference size
✽L±0.3
L
–0.2
+
+0.1
Features
● Endurance: 105 °C 2000 h
● 5.8 mm height (< φ6.3), 5.5 mm height max.
● Vibration-proof product is available upon request.(φ8 <)
● RoHS directive compliant
Surface Mount Type
Series:
HB Type: V
Specifications
Dimensions in mm (not to scale)
Marking
Example:4 V 47 µF
Marking color: BLACK
Size code
DL
A,B
H max.
I
W
P
K
B4.0
5.8
4.3
5.5
1.8
0.65±0.1
1.0
0.35–0.20 to +0.15
C5.0
5.8
5.3
6.5
2.2
0.65±0.1
1.5
0.35–0.20 to +0.15
D6.3
5.8
6.6
7.82.6
0.65±0.1
1.8
0.35–0.20 to +0.15
E8.0
6.2
8.3
9.5
3.4
0.65±0.1
2.2
0.35–0.20 to +0.15
F8.0
10.2
8.3
10.03.4
0.90±0.2
3.1
0.70±0.2
G10.0
10.2
10.3
12.0
3.5
0.90±0.2
4.6
0.70±0.2
Size code
DL
A,B
H max.
I
W
P
K
✽B4.0
5.4
4.3
5.5
1.8
0.65±0.1
1.0
0.35–0.20 to +0.15
✽C5.0
5.4
5.3
6.5
2.2
0.65±0.1
1.5
0.35–0.20 to +0.15
✽D6.3
5.4
6.6
7.82.6
0.65±0.1
1.8
0.35–0.20 to +0.15
(mm)
Category Temp. Range
–40 °C to +105 °C
Rated W.V. Range
4 V.DC to 50 V.DC
Nominal Cap. Range
0.1 µF to 470 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (µA) After 2 minutes
(Whichever is greater)
(Bi-polar I=0.02 CV or 6 (µA) after 2 minutes)
tan
δ
Please see the attached standard products list
Characteristics
at Low Temperature
W.V. (V)
4
6.3
10
16
25
35
50
(Impedance ratio at 120 Hz)
Z(–25 °C)/Z(+20 °C)
7
432222
Z(–40 °C)/Z(+20 °C)
15
8
64433
Endurance
After applying rated working voltage for 2000 hours (Bi-polar : 1000 hours for each polarity) at +105 °C±2 °C
and then being stabilized at +20 °C, Capacitors shall meet the following limits.
Capacitance change ±20 % of inisial measured value (4 W.V. : ±35 %±6.3 W.V. : ±25 %
φ4 to φ6.3), 5.5 mm max. : ±25 %
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C,
capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Resistance to
Soldering Heat
After reflow soldering and then being stabilized at +20°C, capacitors shall meet the following limits.
Capacitance change ±10 % of initial measured value
tan
δ
< initial specified value
DC leakage current
< initial specified value
HA
HB
Long life
5.5 mm
max.
Low
profile
g4 V
j6.3 V
A10 V
C16 V
E25 V
V35 V
H50 V
Rated Voltage Mark
Nov. 2009
01


Similar Part No. - EEEHB0G221P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEHB0G221P PANASONIC-EEEHB0G221P Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ HB
EEEHB0G221P PANASONIC-EEEHB0G221P Datasheet
74Kb / 3P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEEHB0G221P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com