Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3404.2422.xx Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3404.2422.xx
Description  Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3404.2422.xx Datasheet(HTML) 2 Page - Schurter Inc.

  3404.2422.xx Datasheet HTML 1Page - Schurter Inc. 3404.2422.xx Datasheet HTML 2Page - Schurter Inc. 3404.2422.xx Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
UMZ 250
www.schurter.com/pg0_2
Fuses
Pre-Arcing Time
Rated Current In
.25 x In
min.
2.0 x In max.
0.0 x In
min.
0.0 x In
max.
0.315 A - 4.0 A
60 min
120 s
10 ms
100 ms
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .25 In
max [mW]
Melting I²t
0.0 Intyp.
[A²s]
Order Number
0.315
250
125
1)
750
344
500
0.27
3404.2411.xx
0.4
250
125
1)
700
320
500
0.4
3404.2412.xx
0.5
250
125
1)
600
264
500
0.54
3404.2413.xx
0.63
250
125
1)
500
216
500
1.1
3404.2414.xx
0.8
250
125
1)
400
174
500
1.4
3404.2415.xx
1
250
125
1)
300
174
500
2.8
3404.2416.xx
1.25
250
125
1)
300
140
1000
4.5
3404.2417.xx
1.6
250
125
1)
300
130
1000
6.9
3404.2418.xx
2
250
125
1)
300
103
1000
7.3
3404.2419.xx
2.5
250
125
1)
300
90
1200
7.5
3404.2420.xx
3.15
250
125
1)
300
95
1500
14
3404.2421.xx
4
250
125
1)
300
83
2000
26
3404.2422.xx
1)IEC:200A@250VAC,p.f.
≥0.95/100A@125VDC
1)UL:200A@277VAC/100A@125VDC/35A@250VDC/200A@63VAC/DC
ApprovalOverview
UMT250->Fusewithtin-platedcaps,ApprovalStatus:VDE,ULLISTED,cURus,FreeofCCC,PSEJET,KTL
UMT250(Au)->Fusewithgold-platedcaps,ApprovalStatus:VDEMarkandcURus
UMC250->Clip,ApprovalStatus:VDEUGMarkandcURus
UMZ250=UMT250(Au)+UMC250
ThereisnoapprovalexistingforthecombinationfuseandclipUMZ250,butthefuseandthecliparefullyapprovedindependentlyatVDE/UL.See
detailsabove.
Inthereflowsolderingprocess,thefusemusthavegold-platedcaps,otherwisefuseandclipwouldbesolderedtogether.Forfusereplacementin
thefield,astandardUMT250fusewithtin-platedcapscanbeused.
Packaging Unit
.xx=.11PlasticBag(100pcs.)
.xx=.22BlisterTape33cmReel(1000pcs.)


Similar Part No. - 3404.2422.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3404.2422.11 SCHURTER-3404.2422.11 Datasheet
296Kb / 3P
   Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
3404.2422.11 SCHURTER-3404.2422.11 Datasheet
340Kb / 4P
   Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
04.01.2022
3404.2422.22 SCHURTER-3404.2422.22 Datasheet
296Kb / 3P
   Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
3404.2422.22 SCHURTER-3404.2422.22 Datasheet
340Kb / 4P
   Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
04.01.2022
More results

Similar Description - 3404.2422.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UMZ250 SCHURTER-UMZ250_18 Datasheet
329Kb / 4P
   Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
UMZ250 SCHURTER-UMZ250 Datasheet
296Kb / 3P
   Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
UMZ250 SCHURTER-UMZ250_V02 Datasheet
340Kb / 4P
   Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
04.01.2022
FUSEKITUMT250 SCHURTER-FUSEKITUMT250 Datasheet
229Kb / 2P
   Fuse Kit Surface Mount Fuse UMT 250 / UMZ 250
04.01.2022
UMK250 SCHURTER-UMK250_V02 Datasheet
347Kb / 4P
   Surface Mount Fuse with Clip, 4.2 x 11.3 mm, Quick-Acting F, UMK 250 = UMF 250 (Au) UMC 250
04.01.2022
UMK250 SCHURTER-UMK250_16 Datasheet
303Kb / 3P
   Surface Mount Fuse with Clip, 4.2 x 11.3 mm, Quick-Acting F, UMK 250 = UMF 250 (Au) UMC 250
OMT SCHURTER-OMT Datasheet
426Kb / 2P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC
SMD-SPT SCHURTER-SMD-SPT Datasheet
439Kb / 3P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating
SMD-FST SCHURTER-SMD-FST Datasheet
438Kb / 3P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
SMD-SPT SCHURTER-SMD-SPT_18 Datasheet
297Kb / 4P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com