Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEA0JSN330 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECEA0JSN330
Description  Radial Lead Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEA0JSN330 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECEA0JSN330 Datasheet HTML 1Page - Panasonic Semiconductor ECEA0JSN330 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ KS-(Bi-polar)
Standard Products (Bi-polar)
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽i
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
(mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
6.3
22
5
5
29
0.24
0.45
2.05.0
2.5
ECEA0JSN220( )
200
2000
33
6.3
5
38
0.24
0.45
2.55.0
2.5
ECEA0JSN330( )
200
2000
47
6.3
5
46
0.24
0.45
2.55.0
2.5
ECEA0JSN470( )
200
2000
10
10
4
5
25
0.20
0.45
1.55.0
2.5
ECEA1ASN100( )
200
2000
22
6.3
5
35
0.20
0.45
2.55.0
2.5
ECEA1ASN220( )
200
2000
33
6.3
5
43
0.20
0.45
2.55.0
2.5
ECEA1ASN330( )
200
2000
16
4.7
4
5
20
0.20
0.45
1.5
5.0
2.5
ECEA1CSN4R7( )
200
2000
10
5
5
25
0.20
0.45
2.05.0
2.5
ECEA1CSN100( )
200
2000
22
6.3
5
39
0.20
0.45
2.55.0
2.5
ECEA1CSN220( )
200
2000
25
3.3
5
5
18
0.20
0.45
2.0
5.0
2.5
ECEA1ESN3R3( )
200
2000
4.7
5
5
21
0.20
0.45
2.0
5.0
2.5
ECEA1ESN4R7( )
200
2000
10
6.3
5
28
0.20
0.45
2.55.0
2.5
ECEA1ESN100( )
200
2000
35
2.2
4
5
12
0.20
0.45
1.5
5.0
2.5
ECEA1VSN2R2( )
200
2000
50
0.1
4
5
1
0.20
0.45
1.5
5.0
2.5
ECEA1HSN0R1( )
200
2000
0.22
4
5
2
0.20
0.45
1.5
5.0
2.5
ECEA1HSNR22( )
200
2000
0.33
4
5
3
0.20
0.45
1.5
5.0
2.5
ECEA1HSNR33( )
200
2000
0.47
4
5
5
0.20
0.45
1.5
5.0
2.5
ECEA1HSNR47( )
200
2000
14
5
10
0.20
0.451.5
5.02.5
ECEA1HSN010( )
200
2000
2.2
5
5
16
0.20
0.45
2.0
5.0
2.5
ECEA1HSN2R2( )
200
2000
Endurance : 85 °C 1000 h (500hours for each polarity)
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5 mm, i=2.5 mm.
The taping dimensions are explained on p.178 of our Catalog. Please use it as a reference guide.
Jul. 2008


Similar Part No. - ECEA0JSN330

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA0JSN330 PANASONIC-ECEA0JSN330 Datasheet
220Kb / 2P
   Raidial Lead Type
ECEA0JSN330B PANASONIC-ECEA0JSN330B Datasheet
438Kb / 9P
   Aluminum Electrolytic Capacitors
ECEA0JSN330I PANASONIC-ECEA0JSN330I Datasheet
438Kb / 9P
   Aluminum Electrolytic Capacitors
More results

Similar Description - ECEA0JSN330

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
   Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
   Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
   Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
   Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
   Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
   Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
   Radial Lead Type
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
   Radial Lead Type
logo
Panasonic Battery Group
EEUFR0J151 PANASONICBATTERY-EEUFR0J151 Datasheet
131Kb / 6P
   Radial Lead Type
Mar. 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com