Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEVTB1H220P Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEVTB1H220P
Description  Surface Mount Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVTB1H220P Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEVTB1H220P Datasheet HTML 1Page - Panasonic Semiconductor EEVTB1H220P Datasheet HTML 2Page - Panasonic Semiconductor EEVTB1H220P Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Peak Temperature
Time above 200℃
R
3mm to 5mm
No
Sn-Pb
240℃ for 5 seconds
20 seconds
(1) Fig.1
P
6mm
No
Sn-Pb
240℃ for 5 seconds
20 seconds
(1) Fig.1
P
8mm to 10mm
No
Sn-Pb
230℃ for 5 seconds
20 seconds
(2) Fig.2
R
4mm to 5mm
No
Sn-Pb
240℃ for 5 seconds
20 seconds
(1) Fig.1
P
6mm
No
Sn-Pb
240℃ for 5 seconds
20 seconds
(1) Fig.1
P
8mm to 10mm
No
Sn-Pb
230℃ for 5 seconds
20 seconds
(2) Fig.2
(2) Fig.2 (Except for EB series)
(3) Fig.3 (EB series only)
(2) Fig.2 (Except for EB series)
(3) Fig.3 (EB series only)
R
3mm to 5mm
Yes
Sn-Bi
250℃ for 5 seconds
60 seconds
(4) Fig.4
P
6mm
Yes
Sn-Bi
250℃ for 5 seconds
60 seconds
(4) Fig.4
P
8mm to 10mm
Yes
Sn-Bi
235℃ for 5 seconds
60 seconds
(5) Fig.5
(1)
(2)
(3)
(4)
(5)
Reflow Condition
Reflow Chart
ECE-V
Pre-fix
Suffix
Case Diameter
EEE-
RoHS
Compliant
Terminal
Finish
EEV-
Q
12.5mm
Yes
Sn
230℃ for 5 seconds
20 seconds
M
16mm to 18mm
Yes
Sn
230℃ for 5 seconds
20 seconds
Fig. 1
200
210
220
230
240
250
260
0
10
20
30
40
50
60
70
Time in 200deg.C or more / s
Fig. 2
200
210
220
230
240
250
260
0
10
20
30
40
50
60
70
Time in 200deg.C or more / s
Fig. 3
200
210
220
230
240
250
260
0
10
20
30
40
50
60
70
Time in 200deg.C or more / s
Fig. 4
200
210
220
230
240
250
260
0
10
20
30
40
50
60
70
Time in 200deg.C or more / s
Fig. 5
200
210
220
230
240
250
260
0
10
20
30
40
50
60
70
Time in 200deg.C or more / s


Similar Part No. - EEVTB1H220P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVTA1A101P PANASONIC-EEVTA1A101P Datasheet
61Kb / 3P
   Surface Mount Type
EEVTA1A221P PANASONIC-EEVTA1A221P Datasheet
61Kb / 3P
   Surface Mount Type
EEVTA1A331P PANASONIC-EEVTA1A331P Datasheet
61Kb / 3P
   Surface Mount Type
EEVTA1C101P PANASONIC-EEVTA1C101P Datasheet
61Kb / 3P
   Surface Mount Type
EEVTA1C221P PANASONIC-EEVTA1C221P Datasheet
61Kb / 3P
   Surface Mount Type
More results

Similar Description - EEVTB1H220P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com