Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC1CA153CJ Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ECEC1CA153CJ
Description  Snap-in Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1CA153CJ Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ECEC1CA153CJ Datasheet HTML 1Page - Panasonic Semiconductor ECEC1CA153CJ Datasheet HTML 2Page - Panasonic Semiconductor ECEC1CA153CJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC1CA153CJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC1CA153CJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC1CA153CJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC1CA153CJ Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Aluminum Electrolytic Capacitors/ HA(L: 20mm)
 EE154 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
(mm)
(pcs)
n
(mm)
(V)
(µF)
400
(A)
Dia.
Length
Cap.
(±20%)
Ripple
current
(120Hz)
(+105
°C)
Specification
Case size
W.V.
Standard Products (L: 20mm)
Endurance : 105
°C 2000h
Terminal Pitch : 10mm
3300
22
20
1.30
0.45
ECEC1CA332BJ
200
4700
25
20
1.60
0.45
ECEC1CA472CJ
200
6800
30
20
1.80
0.45
ECEC1CA682DJ
200
10000
35
20
2.40
0.45
ECEC1CA103EJ
200
2200
22
20
1.30
0.35
ECEC1EA222BJ
200
3300
25
20
1.60
0.35
ECEC1EA332CJ
200
4700
30
20
1.80
0.35
ECEC1EA472DJ
200
6800
35
20
2.30
0.35
ECEC1EA682EJ
200
1500
22
20
1.10
0.30
ECEC1VA152BJ
200
2200
25
20
1.40
0.30
ECEC1VA222CJ
200
3300
30
20
1.70
0.30
ECEC1VA332DJ
200
4700
35
20
2.00
0.30
ECEC1VA472EJ
200
1000
22
20
0.90
0.25
ECEC1HA102BJ
200
1500
25
20
1.20
0.25
ECEC1HA152CJ
200
2200
30
20
1.40
0.25
ECEC1HA222DJ
200
3300
35
20
1.70
0.25
ECEC1HA332EJ
200
680
22
20
0.90
0.20
ECEC1JA681BJ
200
1000
25
20
1.20
0.20
ECEC1JA102CJ
200
1500
30
20
1.30
0.20
ECEC1JA152DJ
200
2200
35
20
1.50
0.20
ECEC1JA222EJ
200
470
22
20
0.80
0.17
ECEC1KA471BJ
200
680
25
20
1.00
0.17
ECEC1KA681CJ
200
1000
30
20
1.20
0.17
ECEC1KA102DJ
200
1500
35
20
1.40
0.17
ECEC1KA152EJ
200
330
22
20
0.80
0.15
ECEC2AA331BJ
200
470
25
20
1.00
0.15
ECEC2AA471CJ
200
680
30
20
1.10
0.15
ECEC2AA681DJ
200
1000
35
20
1.20
0.15
ECEC2AA102EJ
200
150
22
20
0.55
0.15
ECEC2CA151BJ
200
220
25
20
0.75
0.15
ECEC2CA221CJ
200
330
30
20
1.00
0.15
ECEC2CA331DJ
200
470
35
20
1.15
0.15
ECEC2CA471EJ
200
120
22
20
0.50
0.15
ECEC2PA121BJ
200
180
25
20
0.70
0.15
ECEC2PA181CJ
200
270
30
20
0.87
0.15
ECEC2PA271DJ
200
390
35
20
1.00
0.15
ECEC2PA391EJ
200
100
22
20
0.50
0.15
ECEC2DA101BJ
200
150
25
20
0.65
0.15
ECEC2DA151CJ
200
220
30
20
0.87
0.15
ECEC2DA221DJ
200
330
35
20
1.10
0.15
ECEC2DA331EJ
200
68
22
20
0.40
0.15
ECEC2EA680BJ
200
100
25
20
0.50
0.15
ECEC2EA101CJ
200
150
30
20
0.65
0.15
ECEC2EA151DJ
200
220
35
20
0.67
0.15
ECEC2EA221EJ
200
33
22
20
0.20
0.15
ECEC2GA330BJ
200
47
25
20
0.25
0.15
ECEC2GA470CJ
200
68
30
20
0.35
0.15
ECEC2GA680DJ
200
100
35
20
0.47
0.15
ECEC2GA101EJ
200
tan
δ
(120Hz)
(+20
°C)
Min.Packaging Q'ty
180
160
100
80
63
50
35
16
25
250
200
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)


Similar Part No. - ECEC1CA153CJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CA153CA PANASONIC-ECEC1CA153CA Datasheet
583Kb / 7P
   Long 3000 hour life at 105C with high ripple current capability
ECEC1CA153CA PANASONIC-ECEC1CA153CA Datasheet
593Kb / 7P
   Long 3000 hour life at 105C with high ripple current capability
ECEC1CA153CA PANASONIC-ECEC1CA153CA Datasheet
583Kb / 7P
   Aluminum Electrolytic Capacitors
ECEC1CA153CA PANASONIC-ECEC1CA153CA Datasheet
583Kb / 7P
   Aluminum Electrolytic Capacitors
More results

Similar Description - ECEC1CA153CJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com